Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 280 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 280 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 276Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 277Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 278Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Index-2
Freescale Semiconductor
Index
Bus Page Logic Enable (BPLE) bit 4-25
Bus Program Memory Enable (BPEN) bit 4-27
Bus Refresh Enable (BREN) bit 4-24
Bus Refresh Prescaler (BRP) bit 4-24
Bus Refresh Rate (BRF) bit 4-24
Bus Release Timing (BRT) bit 4-13
Bus Request Hold (BRH) bit 4-22
Bus Row Out-of-Page Wait States (BRW) bit 4-25
Bus Software Triggered Reset (BSTR) bit 4-24
Bus X Data Memory Enable (BXEN) bit 4-27
Bus Y Data Memory Enable (BYEN) bit 4-27
C
Cache Burst Mode Enable (BE) bit 4-14
Cache Enable (CE) bit 4-7
, 4-8
Carry (C) bit 4-11
Central Processing Unit (CPU) 1-1
Chip Operating Mode (MD–MA) bits 4-14
chip-select
logic 6-16
signal 6-3
Clock 2-4
Clock Divider (CD) bits 8-17
clock generator 7-10
, 7-16
Clock Generator (CLKGEN) 1-8
Clock Out Divider (COD) 8-17
Clock Output Disable (COD) bit 4-20
Clock Polarity (CKP) bit 7-20
Clock Prescaler (SCP) 8-17
Clock Source Direction (SCKD) bit 7-21
CMOS 1-5
codec 7-3
, 7-9, 7-11
COM byte 4-12
Command Vector Register (CVR) 6-21
, 6-24
Host Command (HC) 6-24
Host Vector (HV) 6-24
programming sheet B-21
Condition Code Register (CCR) 4-7
Carry (C) 4-11
Extension (E) 4-11
Limit (L) 4-10
Negative (N) 4-11
Overflow (V) 4-11
Scaling (S) 4-10
Unnormalized (U) 4-11
Zero (Z) 4-11
Control Register A (CRA)
Alignment Control (ALC) 7-14
Frame Rate Divider Control (DC) 7-15
Prescale Modulus Select (PM) 7-15
Prescaler Range (PSR) 7-15
programming sheet B-23
Select SCK (SSC1) 7-13
Word Length Control (WL) 7-14
Control Register B (CRB)
Clock Polarity (CKP) 7-20
Clock Source Direction (SCKD) 7-21
Frame Sync Length (FSL) 7-21
Frame Sync Polarity (FSP) 7-20
Frame Sync Relative Timing (FSR) 7-21
Mode Select (MOD) 7-20
programming sheet B-24
Receive Enable (RE) 7-19
Receive Exception Interrupt Enable (REIE) 7-18
Receive Interrupt Enable (RIE) 7-18
Receive Last Slot Interrupt Enable (RLIE) 7-18
Serial Control Direction 0 (SCD0) 7-22
Serial Control Direction 1 (SCD1) 7-22
Serial Control Direction 2 (SCD2) 7-21
Serial Output Flag 0 (OF0) 7-22
Serial Output Flag 1 (OF1) 7-22
Shift Directions (SHFD) 7-21
Synchronous/Asynchronous (SYN) 7-20
Transmit 0 Enable (TE0) 7-19
Transmit 1 Enable (TE1) 7-19
Transmit 2 Enable (TE2) 7-20
Transmit Exception Interrupt Enable (TEIE) 7-18
Transmit Interrupt Enable (TIE) 7-18
Transmit Last Slot Interrupt Enable (TLIE) 7-18
Core Priority (CP) bits 4-8
Core-DMA Priority (CDP) bits 4-14
crystal frequency 8-6
Crystal Range (XTLR) bit 4-21
D
data and control host processor registers 6-12
Data Arithmetic Logic Unit (Data ALU) 1-6
Data Input (DI) bit 9-25
data memory expansion 1-9
Data Output (DO) bit 9-25
data strobe 6-3
data transfer methods 5-2
Debug support 1-5
Direct Memory Access (DMA) 6-5
, 6-8
Request Source bits 4-28
transfers and host bus 6-8
triggered by timer 9-21
Direction (DIR) bit 9-25
Division Factor (DF) bits 4-21
DMA Address Mode (DAM) bit 4-33
DMA Channel Enable (DE) bit 4-28
DMA Channel Priority (DPR) bit 4-30
DMA Continuous Mode Enable (DCON) bit 4-31
DMA Control Registers (DCR5–DCR0)
programming sheet B-17
DMA Control Registers (DCRs) 4-28
bit definitions 4-28
DMA Address Mode (DAM) 4-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com