Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 281 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 277Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 278Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
Index-3
Index
DMA Channel Enable (DE) 4-28
DMA Channel Priority (DPR) 4-30
DMA Continuous Mode Enable (DCON) 4-31
DMA Destination Space (DDS) 4-33
DMA Interrupt Enable (DIE) 4-28
DMA Request Source (DRS) 4-32
DMA Source Space (DSS) 4-33
DMA Three-Dimensional Mode (D3D) 4-32
DMA Transfer Mode (DTM) 4-29
DMA Destination Space (DDS) bit 4-33
DMA Interrupt Enable (DIE) bit 4-28
DMA Request Source (DRS) bit 4-32
DMA Source Space (DSS) bit 4-33
DMA Three-Dimensional Mode (D3D) bit 4-32
DMA Transfer Mode (DTM) bit 4-29
DO FOREVER (FV) Flag bit 4-9
DO loop 1-8
Do Loop Flag (LF) bit 4-9
double data strobe mode 2-2
Double Host Request (HDRQ) bit 6-8
, 6-23
Double-Precision Multiply Mode (DM) bit 4-9
DRAM Control Register (DCR) 4-21
, 4-23
Bit Definitions 4-24
Bus Column In-Page Wait State (BCW) 4-25
Bus DRAM Page Size (BPS) 4-25
Bus Mastership Enable (BME) 4-25
Bus Page Logic Enable (BPLE) 4-25
Bus Refresh Enable (BREN) 4-24
Bus Refresh Prescaler (BRP) 4-24
Bus Refresh Rate (BRF) 4-24
Bus Row Out-of-Page Wait States (BRW) 4-25
Bus Software Triggered Reset (BSTR) 4-24
programming sheet B-15
DSP core
programming model 6-11
DSP56300
core 1-1
Family Manual 1-1
, 1-5, 6-8
DSP56303
Technical Data 1-1
DSP-to-host
data word 6-2
handshaking protocols 6-2
interrupts 6-2
mapping 6-2
transfer modes 6-2
transfers 6-5
, 6-19
dynamic memory configuration switching 3-5
E
Enhanced Synchronous Serial Interface (ESSI) 1-12
, 2-2,
2-15
, 2-16, 7-1
24-bit fractional data 7-14
after reset 7-6
Asynchronous mode 7-3
, 7-4, 7-10, 7-19
audio enhancements 7-2
byte format 7-11
clock generator 7-10
, 7-16
Clock Sources 7-3
codec 7-11
control and time slot registers 7-6
control direction of SC2 I/O signal 7-21
Control Register A (CRA)
Alignment Control (ALC) 7-14
Frame Rate Divider Control (DC) 7-15
Prescale Modulus Select (PM) 7-15
Prescaler Range (PSR) 7-15
programming sheet B-23
Select SCK (SSC1) 7-13
Word Length Control (WL) 7-14
Control Register B (CRB)
Clock Polarity (CKP) 7-20
Clock Source Directions (SCKD) 7-21
Frame Sync Length (FSL) 7-21
Frame Sync Polarity (FSP) 7-20
Frame Sync Relative Timing (FSR) 7-21
Mode Select (MOD) 7-20
programming sheet B-24
Receive Enable (RE) 7-19
Receive Exception Interrupt Enable (REIE) 7-18
Receive Interrupt Enable (RIE) 7-18
Receive Last Slot Interrupt Enable 7-18
Serial Control Direction 0 (SCD0) 7-22
Serial Control Direction 1 (SCD1) 7-22
Serial Control Direction 2 (SCD2) 7-21
Serial Output Flag 0 (OF0) 7-22
Serial Output Flag 1 (OF1) 7-22
Shift Direction (SHFD) 7-21
Synchronous/Asynchronous (SYN) 7-20
Transmit 0 Enable (TE0) 7-19
Transmit 1 Enable (TE1) 7-19
Transmit 2 Enable (TE2) 7-20
Transmit Exception Interrupt Enable (TEIE) 7-18
Transmit Interrupt Enable (TIE) 7-18
Transmit Last Slot Interrupt Enable (TLIE) 7-18
control registers 7-12
data and control signals 7-2
DMA 7-6
exception configuration 7-8
exceptions 7-7
receive last slot interrupt 7-7
transmit data 7-8
transmit data with exception status 7-7
transmit last slot interrupt 7-7
flags 7-12
frame rate divider 7-9
frame sync
generator 7-16
length 7-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com