Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 285 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 285 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 289Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
Index-7
Index
STOP command 6-21
STOP instruction 6-27
Stop mode 6-21
timing requirements 6-6
Transmit Byte Registers 6-5
Transmit Byte Registers (TXH, TXM, TXL) 6-27
Transmit Data Registers (TXH, TXM, TXL) 6-5
Transmit Registers (TXH, TXM, TXL) 6-6
vector registers 6-21
Host Litle Endian (HLEND) bit 6-23
Host Multiplexed Bus (HMUX) bit 6-17
host port
configuration 2-9
usage considerations 2-9
Host Port Control Register (HPCR) 6-3
, 6-12, 6-16, 6-20,
6-28
, 6-29
Host Acknowledge Enable (HAEN) 6-18
Host Acknowledge Polarity (HAP) 6-16
Host Address Line 8 Enable (HA8EN) 6-18
Host Address Line 9 Enable (HA9EN) 6-18
, 7-19
Host Address Strobe Polarity (HASP) 6-17
Host Chip Select Enable (HCSEN) 6-18
Host Chip Select Polarity (HCSP) 6-17
Host Data Strobe Polarity (HDSP) 6-17
Host Dual Data Strobe (HDDS) 6-17
Host Enable (HEN) 6-17
Host GPIO Port Enable (HGEN) 6-18
Host Multiplexed Bus (HMUX) 6-17
Host Request Enable (HREN) 6-18
Host Request Open Drain (HROD) 6-17
Host Request Polarity (HRP) 6-16
programming sheet B-4
, B-19
host processor address space 6-21
Host Receive (HRX) register 6-5
, 6-12, 6-19, 6-30
Host Receive Data Full (HRDF) bit 6-6
, 6-14
Host Receive Interrupt Enable (HRIE) bit 6-13
Host Receive Request (HRRQ) 6-8
host request 6-5
double 2-2
enabling 6-8
single 2-2
Host Request (HREQ) bit 6-25
Host Request Enable (HREN) bit 6-18
host request line 6-3
Host Request Open Drain (HROD) bit 6-17
host request pins 6-9
Host Request Polarity (HRP) bit 6-16
Host Status Register (HSR) 6-12
, 6-13, 6-30
Host Command Pending (HCP) 6-14
Host Flags 0, 1 (HF) 6-14
Host Receive Data Full (HRDF) 6-14
Host Transmit Data Empty (HTDE) 6-14
Host Transmit (HTX) register 6-6
, 6-12, 6-19, 6-30
Host Transmit Data Empty (HTDE) bit 6-6
, 6-14
Host Transmit Data Register (HTDR)
programming sheet B-18
, B-22
Host Transmit Interrupt Enable (HTIE) bit 6-13
Host Vector (HV) bits 6-24
Hosts Interface (HI08)
Interrupt Control Register (ICR)
programming sheet B-21
host-to-DSP transfers 6-5
I
I/O space
X data memory 3-3
, 3-4
Idle Line Flag (IDLE) bit 8-16
Idle Line Interrupt Enable (ILIE) bit 8-12
Idle Line Wakeup mode 8-3
Initialize (INIT) bit 6-22
initializing the timer 9-3
instruction cache 1-5
, 3-2
location 3-6
Interface Control Register (ICR) 6-22
Double Host Request (HDRQ) 6-8
, 6-23
Host Flag 0 (HF0) 6-23
Host Flag 1 (HF1) 6-23
Host Little Endian (HLEND) 6-23
Initialize (INIT) 6-22
Receive Request Enable (RREQ) 6-23
Transmit Request Enable (TREQ) 6-23
Interface Status Register (ISR) 6-24
Host Flag 2 (HF2) 6-25
Host Flag 3 (HF3) 6-25
Host Request (HREQ) 6-25
Receive Data Full (RDF) 6-6
Receive Data Register Full (RXDF) 6-26
Transmit Data Empty (TDE) 6-6
Transmit Data Register Empty (TXDE) 6-25
Transmitter Ready (TRDY) 6-25
Interface Vector Register (IVR) 6-26
internal buses 1-10
internal I/O memory map B-2
internal program memory 3-1
, 3-2
interrupt 1-8
, 5-2
configuring 4-15
Host Interface (HI08) 6-5
, 6-6
priorities B-8
source priorities 4-18
sources 4-15
, 4-16, B-6
table 4-15
table, memory map 4-16
trigger mode 4-16
vector 4-16
interrupt and mode control 2-8
interrupt conditions 5-2
interrupt control 2-8
Interrupt Control Register (ICR)
programming sheet B-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com