Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 288 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 288 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 292Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 288 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Index-10
Freescale Semiconductor
Index
Receive Last Slot Interrupt Enable (RLIE) bit 7-18
Receive Request Enable (RREQ) bit 6-23
Receive Shift Register 7-28
Receive Slot Mask Registers (RSMA and RSMB) 7-12
,
7-32
Receive with Exception Interrupt Enable (REIE) bit 8-11
Received Bit 8 (R8) bit 8-15
Receiver Enable (RE) bit 8-13
Receiver Overrun Error Flag (ROE) 7-27
Receiver Wakeup Enable (RWU) bit 8-13
register banks 6-4
RESET 2-8
resets
hardware and software 6-3
ROM, bootstrap 1-5
, 3-1, 3-2
Rounding Mode (RM) bit 4-8
RX clock 7-10
RXH, RXM, RXL registers 6-26
S
Scaling (S) bit 4-10
Scaling (S) Mode bits 4-10
SCI Clock Control Register (SCCR) 8-8
, 8-17
bit definitions 8-17
Clock Divider (CD) 8-17
Clock Out Divider (COD) 8-17
Clock Prescaler (SCP) 8-17
programming sheet B-27
Receive Clock Mode Source (RCM) 8-17
Transmit Clock Source (TCM) 8-17
SCI Clock Polarity (SCKP) bit 8-11
SCI Control Register (SCR) 8-8
, 8-10
bit definitions 8-11
Idle Line Interrupt Enable (ILIE) 8-12
programming sheet B-26
Receive with Exception Interrupt Enable (REIE) 8-11
Receiver Enable (RE) 8-13
Receiver Wakeup Enable (RWU) 8-13
SCI Clock Polarity (SCKP) 8-11
SCI Receive Interrupt Enable (RIE) 8-12
SCI Shift Direction (SSFTD) 8-14
SCI Transmit Interrupt Enable (TIE) 8-12
Send Break (SBK) 8-14
Timer Interrupt Enable (TMIE) 8-11
Timer Interrupt Rate (STIR) 8-11
Transmitter Enable (TE) 8-12
Wakeup Mode Select (WAKE) 8-13
Wired-OR Mode Select (WOMS) 8-13
Word Select (WDS) 8-14
SCI Interrupt Priority Level (SCL) bits 4-16
SCI pins
RXD, TXD, SCLK 8-3
SCI Receive Data Register (SRX) 8-8
, 8-20
SCI Receive Interrupt Enable (RIE) bit 8-12
SCI Serial Clock signal (SCLK) 8-4
SCI Shift Direction (SSFTD) 8-14
SCI Status Register (SSR) 8-8
, 8-15
bit definitions 8-15
Framing Error Flag (FE) 8-15
Idle Line Flag (IDLE) 8-16
Overrun Error Flag (OR) 8-16
Parity Error (PE) 8-15
Receive Data Register Full (RDRF) 8-16
Received Bit 8 (R8) 8-15
Transmit Data Register Empty (TDRE) 8-16
Transmitter Empty (TRNE) 8-16
SCI Transmit Data Address Register (STXA) 8-9
SCI Transmit Data Register (STX or STXA) 8-19
SCI Transmit Data Register (STX) 8-8
, 8-21
SCI Transmit Interrupt Enable (TIE) bit 8-12
SCLK 8-2
, 8-6
SCS byte 4-12
Select SCK (SSC1) bit 7-13
Send Break (SBK) bit 8-14
Serial Clock (SCK) 7-3
Serial Clock (SCLK), SCI 8-2
Serial Communications Interface (SCI) 1-13
, 2-2, 2-17
Address Mode Wakeup 8-3
Asynchronous mode 8-2
bootstrap loading 8-7
crystal frequency 8-6
data registers 8-19
Data Word Formats 8-9
enable wakeup function 8-13
enable/disable SCI receive data with exception
interrupt 8-11
exceptions 8-8
Idle Line 8-8
Receive Data 8-8
Receive Data with Exception Status 8-8
Timer 8-8
Transmit Data 8-8
GPIO 5-7
GPIO functionality 8-22
I/O signals 8-3
Idle Line Wakeup mode 8-3
individual reset state (PCR = $0) 8-6
initialization 8-6
Inter-processor messages 8-2
interrupts 8-6
Multidrop mode 8-2
operating mode 8-1
Asynchronous 8-1
Synchronous 8-1
programming model 8-8
data registers 8-20
Receive Data (RXD) 8-4
recover synchronization 8-2
reset 8-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com