Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 286 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 286 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Index-8
Freescale Semiconductor
Index
Interrupt Mask (I) bits 4-10
Interrupt Priority Register Core (IPRC) 4-15
IRQD–IRQA Priority and Mode (IDL–IAL) 4-15
Interrupt Priority Register Peripherals (IPRP) 4-15
, 4-16
ESSI0 Interrupt Priority Level (S0L) 4-16
ESSI1 Interrupt Priority Level (S1L) 4-16
HI08 Interrupt Priority Level (HPL) 4-16
SCI Interrupt Priority Level (SCL) 4-16
Timer Interrupt Priority Level (TOL) 4-16
Interrupt Priority Register-Peripherals (IPR-P)
programming sheet B-12
interrupt routines
Host Interface (HI08) 6-7
Interrupt Service Routine (ISR) 7-8
, 9-4
interrupt trigger event 7-9
Interrupt Vector Register (IVR) 6-21
programming sheet B-22
Inverter (INV) bit 9-25
, 9-27
IRQD–IRQA Priority and Mode (IDL–IAL) bits 4-15
J
Joint Test Action Group (JTAG) 1-9
, 2-18, 4-34
Test Acces Port(TAP) 1-5
L
Limit (L) bit 4-10
Loop Address register (LA) 1-8
Loop Counter register (LC) 1-8
M
M68HC11 SCI interface 8-14
manual conventions 1-2
mapping control registers 5-1
MC68000 family 6-26
MC68681 DUART 8-14
memory
allocation switching 3-2
configuration 3-5
dynamic switching 3-5
expansion 3-1
external expansion port 1-10
maps 3-6
on-chip 1-9
Memory Expansion Port 1-5
memory map
internal I/O B-2
Memory Switch mode 3-2
X data Memory 3-3
X data memory 3-4
Memory Switch Mode (MS) bit 4-14
MODD, MODC, MODB, and MODA 8-7
mode control 2-8
Mode Register (MR) 4-7
Do Loop Flag (LF) 4-9
Double-Precision Multiply Mode (DM) 4-9
Interrupt Mask (I) 4-10
Scaling (S) Mode 4-10
Sixteen-Bit Compatibility (SC) mode 4-9
Mode Select (MOD) bit 7-20
move (MOVE, MOVEP) instructions 5-1
MOVEP instruction 6-12
Multidrop mode 8-2
multiplexed bus mode 2-2
, 6-3, 6-15, 6-18
Multiplication Factor (MF) bits 4-21
Multiplier-Accumulator (MAC) 1-6
N
Negative (N) bit 4-11
Network mode 7-7
non-multiplexed bus mode 2-2
, 6-3
O
off-chip memory 1-5
, 3-1
On-Chip Emulation (OnCE) module 1-5
, 1-9, 2-18
on-chip memory 1-5
, 1-9
On-Demand mode 7-9
, 7-14
operating frequency 1-5
operating mode 4-1
Host Interface (HI08) 6-16
Operating Mode Register (OMR) 1-8
, 4-12
Address Attribute Priority Disable (APD) 4-13
Address Trace Enable (ATE) 4-13
Asynchronous Bus Arbitration Enable (ABE) 4-13
Bus Release Timing (BRT) 4-13
Cache Burst Mode Enable (BE) 4-14
Chip Operating Mode (MD–MA) 4-14
COM byte 4-12
Core-DMA Priority (CDP) 4-14
EOM byte 4-12
External Bus Disable (EBD) 4-14
Memory Switch Mode (MS) 4-14
programming sheet B-11
SCS byte 4-12
Stack Extension Enable (SEN) 4-12
Stack Extension Overflow Flag (EOV) 4-12
Stack Extension Underflow Flag (EUN) 4-13
Stack Extension Wrap Flag (WRP) 4-12
Stack Extension XY Select (XYS) 4-13
Stop Delay Mode (SD) 4-14
TA Synchronize Select (TAS) 4-13
Overflow (V) bit 4-11
Overrun Error Flag (OR) bit 8-16
P
Parity Error (PE) bit 8-15
Peripheral I/O Expansion Bus 1-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com