Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 290 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 290 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 292Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 290 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Index-12
Freescale Semiconductor
Index
programming sheet B-10
status registers, reading 5-2
Stop Delay Mode (SD) bit 4-14
STOP instruction 6-20
, 8-5
Stop standby mode 1-5
Switch mode 1-5
switching memory configuration dynamically 3-5
switching memory sizes 3-2
Synchronous mode 7-9
, 7-10, 7-12, 8-2, 8-16
Synchronous Serial Interface Status Register (SSISR) 7-12
,
7-26
Receive Data Register Full (RDF) 7-27
Receiver Frame Sync Flag (RFS) 7-27
Receiver Overrun Error Flag (ROE) 7-27
Serial Input Flag 0 (IF0) 7-28
Serial Input Flag 1 (IF1) 7-28
Transmit Data Register Empty (TDE) 7-27
Transmit Frame Sync Flag (TFS) 7-27
Transmitter Underrun Error Flag (TUE) 7-27
Synchronous/Asynchronous (SYN) bit 7-20
T
TA Synchronize Select (TAS) bit 4-13
Test Access Port (TAP) 1-5
, 1-9
Time Slot Register (TSR) 7-31
timer 2-2
, 2-17
after Reset 9-3
enabling 9-4
exception 9-4
Compare 9-4
Overflow 9-4
GPIO 5-8
initialization 9-3
operating modes 9-5
Capture (mode 6) 9-5
, 9-11, 9-15
Event Counter (mode 3) 9-5
, 9-10
GPIO (mode 0) 9-5
Input Period (mode 5) 9-5
, 9-11, 9-13
Input Width (mode 4) 9-5
, 9-11, 9-12
overview 9-5
Pulse (mode 1) 9-5
, 9-7
Pulse Width Modulation (PWM) (mode 7) 9-5
,
9-11
, 9-16
reserved 9-20
setting 9-3
signal measurement modes 9-11
Toggle (mode 2) 9-5
, 9-8
watchdog modes 9-18
Watchdog Pulse (mode 9) 9-5
, 9-18
Watchdog Toggle (mode 10) 9-5
, 9-18
prescaler counter 9-21
programming model 9-21
special cases 9-21
timer compare interrupts 9-27
Timer Compare Register (TCPR) 9-28
Timer Control/Status Register (TCSR) 9-24
Data Input (DI) 9-25
Data Output (DO) 9-25
Direction (DIR) 9-25
Inverter (INV) 9-25
, 9-27
Prescaler Clock Enable (PCE) 9-24
Timer Compare Flag (TCF) 9-24
Timer Compare Interrupt Enable (TCIE) 9-27
Timer Control (TC) 9-26
Timer Enable (TE) 9-27
Timer Overflow Flag (TOF) 9-24
Timer Overflow Interrupt Enable (TOIE) 9-27
Timer Reload Mode (TRM) 9-25
Timer Count Register (TCR) 9-29
Timer Load Registers (TLR) 9-28
Timer Prescaler Count Register (TPCR) 9-23
Prescaler Counter Value (PC) 9-23
Timer Prescaler Load Register (TPLR) 9-22
bit definitions 9-23
Prescaler Preload Value (PL) 9-23
Prescaler Source (PS) 9-23
Timer Compare Flag (TCF) bit 9-24
Timer Compare Interrupt Enable (TCIE) bit 9-27
Timer Compare Register (TCPR) 9-4
, 9-28
Timer Control (TC) bits 9-26
Timer Control/Status Register (TCSR) 9-3
, 9-24
bit definitions 9-24
Data Input (DI) 9-25
Data Output (DO) 9-25
Direction (DIR) 9-25
Inverter (INV) 9-25
, 9-27
Prescaler Clock Enable (PCE) 9-24
programming sheet B-29
Timer Compare Flag (TCF) 9-24
Timer Compare Interrupt Enable (TCIE) 9-27
Timer Control (TC) 9-26
Timer Enable (TE) 9-27
Timer Overflow Flag (TOF) 9-24
Timer Overflow Interrupt Enable (TOIE) 9-27
Timer Reload Mode (TRM) 9-25
Timer Count Register (TCR) 9-29
Timer Enable (TE) bit 9-27
Timer Interrupt Enable (TMIE) bit 8-11
Timer Interrupt Priority Level (TOL) bits 4-16
Timer Interrupt Rate (STIR) bit 8-11
Timer Load Registers (TLR) 9-4
, 9-28
programming sheet B-30
Timer module
architecture 9-1
timer block diagram 9-2
Timer Overflow Flag (TOF) bit 9-24
Timer Overflow Interrupt Enable (TOIE) bit 9-27
Timer Prescaler Count Register (TPCR) 9-23
bit definitions 9-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com