Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 291 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 291 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 292Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 291 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
Index-13
Index
Prescaler Counter Value (PC) 9-23
Timer Prescaler Load Register (TPLR) 9-4
, 9-22
bit definitions 9-23
Prescaler Preload Value (PL) 9-23
Prescaler Source (PS) 9-23
programming sheet B-28
Timer Reload Mode (TRM) bit 9-25
Transmit 0 Enable (TE0) bit 7-19
Transmit 1 Enable (TE1) bit 7-19
Transmit 2 Enable (TE2) bit 7-20
Transmit Byte Registers (TXH, TXM, TXL) 6-5
, 6-27
Transmit Clock Source (TDM) bit 8-17
Transmit Data Empty (TDE) bit 6-6
Transmit Data Register Empty (TDE) bit 7-27
Transmit Data Register Empty (TDRE) bit 8-16
Transmit Data Register Empty (TXDE) bit 6-25
Transmit Data Registers (TX0–TX2) 7-12
, 7-31
Transmit Data Registers (TXH, TXM, TXL) 6-5
Transmit Data signal (TXD) 8-4
Transmit Enable (TE) bits 7-17
Transmit Exception Interrupt Enable (TEIE) bit 7-18
Transmit Frame Sync Flag (TFS) 7-27
Transmit Interrupt Enable (TIE) bit 7-18
Transmit Last Slot Interrupt Enable (TLIE) bit 7-18
Transmit Request Enable (TREQ) bit 6-23
Transmit Shift Registers 7-28
Transmit Slot Mask Registers (TSMA and TSMB) 7-12
,
7-31
Transmitter Empty (TRNE) bit 8-16
Transmitter Enable (TE) bit 8-12
Transmitter Ready (TRDY) bit 6-25
Transmitter Underrun Error Flag (TUE) 7-27
triple timer module 1-13
TX clock 7-10
TXD signal 8-4
TXH, TXM, TXL registers 6-27
U
Unnormalized (U) bit 4-11
V
Vector Base Address register (VBA) 1-8
W
Wait standby mode 1-5
Wakeup Mode Select (WAKE) bit 8-13
Wired-OR Mode Select (WOMS) bit 8-13
Word Length Control (WL) bits 7-14
Word Select (WDS) bits 8-14
X
X data memory 1-5
, 3-3
X I/O space 3-3
, 3-4
X Memory Address Bus (XAB) 1-10
X Memory Data Bus (XDB) 1-10
X Memory Expansion Bus 1-10
XTAL Disable (XTLD) bit 4-20
Y
Y data memory 1-5
, 3-4
Y Memory Address Bus (YAB) 1-10
Y Memory Data Bus (YDB) 1-10
Y Memory Expansion Bus 1-10
Z
Zero (Z) bit 4-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com