Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 287 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 287 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 291Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
Index-9
Index
peripherals programming
bit-oriented instructions 5-1
data transfer methods 5-2
guidelines 5-1
individual reset state 5-1
initialization steps 5-1
interrupts 5-2
mapping control registers 5-1
move (MOVE, MOVEP) instructions 5-1
polling 5-2
reading status registers 5-2
PINIT 4-20
PLL 1-8
, 2-4
PLL Control (PCTL) register 4-20
Clock Output Disable (COD) 4-20
Crystal Range (XTLR) 4-21
Division Factor (DF) 4-21
PLL Enable (PEN) 4-20
PLL Multiplication Factor (MF) 4-21
PLL Stop State (PSTP) 4-20
Predivider Factor (PD) 4-20
programming sheet B-13
XTAL Disable (XTLD) 4-20
PLL Enable (PEN) bit 4-20
PLL Stop State (PSTP) bit 4-20
polling 5-2
Port A 2-5
, 4-21
Port B 2-2
, 2-12
HI08 5-6
programming sheet B-31
Port C 2-2
, 2-15, 2-16
control registers 7-33
ESSI0 5-7
Port C Control Register (PCRC) 7-33
programming sheet B-32
Port C Data Register (PDRC) 7-34
programming sheet B-32
Port C Direction Register (PRRC) 7-34
programming sheet B-32
Port D 2-2
control registers 7-33
ESSI1 5-7
Port D Control Register (PCRD) 7-33
programming sheet B-33
Port D Data Register (PDRD) 7-34
programming sheet B-33
Port D Direction Register (PRRD) 7-34
programming sheet B-33
Port E 2-17
, 5-7
Port E Control Register (PCRE) 8-22
programming sheet B-34
Port E Data Register (PDRE) 8-23
programming sheet B-34
Port E Direction Register (PRRE) 8-22
programming sheet B-34
position independent code (PIC) 1-8
power 2-3
low 1-5
management 1-5
standby modes 1-5
Predivider Factor (PD) bits 4-20
prescale divider for ESSI 7-15
Prescale Modulus Select (PM) bits 7-15
Prescaler Clock Enable (PCE) bit 9-24
prescaler counter 9-21
Prescaler Counter Value (PC) bits 9-23
Prescaler Preload Value (PL) bits 9-23
Prescaler Range (PSR) bit 7-15
Prescaler Source (PS) bits 9-23
Program Address Bus (PAB) 1-10
Program Address Generator (PAG) 1-7
Program Control Unit (PCU) 1-7
Program Counter register (PC) 1-8
Program Data Bus (PDB) 1-10
Program Decode Controller (PDC) 1-7
program memory 1-5
, 3-1, 3-2
program memory expansion 1-9
bus 1-10
Program ROM, bootstrap 3-1
programming model
core 4-1
DSP core 6-11
ESSI 7-12
HI08 6-11
DSP side 6-11
host side 6-20
HI08 quick reference 6-28
peripherals 5-1
SCI 8-8
timer 9-21
programming sheets
list B-1
R
RAM
program 3-1
reading status registers 5-2
Receive Byte Registers (RXH, RXM, RXL) 6-5
, 6-26
Receive Clock Mode Source (RCM) 8-17
Receive Data (RXD) signal 8-4
Receive Data Full (RDF) bit 6-6
Receive Data Register (RX) 7-28
Receive Data Register Full (RDF) bit 7-27
Receive Data Register Full (RDRF) bit 8-16
Receive Data Register Full (RXDF) bit 6-26
Receive Enable (RE) bit 7-19
Receive Exception Interrupt Enable (REIE) bit 7-18
Receive Frame Sync Flag (RFS) 7-27
Receive Interrupt Enable (RIE) bit 7-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com