Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 289 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 289 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 288Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 289Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 290Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 291Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 292Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 289 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
Index-11
Index
SCI Clock Control Register (SCCR) 8-6
, 8-7, 8-8, 8-17
bit definitions 8-17
Clock Divider (CD) 8-17
Clock Out Divider (COD) 8-17
Clock Prescaler (SCP) 8-17
programming sheet B-27
Receive Clock Mode Source (RCM) 8-17
Transmit Clock Source (TCM) 8-17
SCI Control Register (SCR) 8-6
, 8-7, 8-8, 8-10
bit defintions 8-11
Idle Line Interrupt Enable (ILIE) 8-12
programming sheet B-26
Receive with Exception Interrupt Enable
(REIE) 8-11
Receiver Enable (RE) 8-13
Receiver Wakeup Enable (RWU) 8-13
SCI Clock Polarity (SCKP) 8-11
SCI Receive Interrupt Enable (RIE) 8-12
SCI Shift Direction (SSFTD) 8-14
SCI Transmit Interrupt Enable (TIE) 8-12
Send Break (SBK) 8-14
Timer Interrupt Enable (TMIE) 8-11
Timer Interrupt Rate (STIR) 8-11
Transmitter Enable (TE) 8-12
Wakeup Mode Select (WAKE) 8-13
Wired-OR Mode Select (WOMS) 8-13
Word Select (WDS) 8-14
SCI Receive Data Register (SRX) 8-8
, 8-20
SCI Status Register (SSR) 8-8
, 8-15
bit definitions 8-15
Framing Error Flag (FE) 8-15
Idle Line Flag (IDLE) 8-16
Overrun Error Flag (OR) 8-16
Parity Error (PE) 8-15
Receive Data Register Full (RDRF) 8-16
Received Bit 8 (R8) 8-15
Transmit Data Register Empty (TDRE) 8-16
Transmitter Empty (TRNE) 8-16
SCI Transmit Data Address Register (STXA) 8-9
SCI Transmit Data Register (STX) 8-8
select wakeup on idle line mode 8-13
Serial Clock (SCLK) 8-4
, 8-19
state after reset 8-5
Synchronous mode 8-2
transmission priority
preamble, break, and data 8-7
transmit and receive shift registers 8-2
Transmit Data (TXD) 8-4
Transmit Data Register (STX or STXA) 8-19
Transmit Data Register (STX) 8-21
Wired-OR mode 8-3
Serial Control 0 (SC00 and SC10) signals 7-3
Serial Control 1 (SC01 and SC11) signals 7-4
Serial Control 2 (SC02 and SC12) signals 7-5
Serial Control Direction 0 (SCD0) bit 7-22
Serial Control Direction 1 (SCD1) bit 7-22
Serial Control Direction 2 (SCD2) bit 7-21
Serial Input Flag 0 (IF0) bit 7-4
, 7-28
Serial Input Flag 1 (IF1) bit 7-28
Serial Output Flag (OF0–OF1) bits 7-17
Serial Output Flag 0 (OF0) bit 7-4
, 7-22
Serial Output Flag 1 (OF1) bit 7-22
Serial Receive Data (SRD) signal 7-3
Serial Transmit Data (STD) signal 7-2
setting timer operating mode 9-3
Shift Direction (SHFD) bit 7-21
signals 2-1
signals, functional groups 2-2
single data strobe mode 2-2
Sixteen-Bit Arithmetic Mode (SA) bit 4-8
Sixteen-Bit Compatibility (SC) mode bit 4-9
Sixteen-bit Compatibility mode 3-5
Size register (SZ) 1-8
software polling 6-5
SRAM, interfacing 1-10
Stack Counter register (SC) 1-8
Stack Extension Enable (SEN) bit 4-12
Stack Extension Overflow Flag (EOV) bit 4-12
Stack Extension Underflow Flag (EUN) bit 4-13
Stack Extension Wrap Flag (WRP) bit 4-12
Stack Extension XY Select (XYS) bit 4-13
Stack Pointer (SP) 1-8
standby mode
Stop 1-5
Wait 1-5
Status Register (SR) 1-8
, 4-7, 4-8
bit definitions 4-8
Condition Code Register (CCR) 4-7
Carry (C) 4-11
Extension (E) 4-11
Limit (L) 4-10
Negative (N) 4-11
Overflow (V) 4-11
Scaling (S) 4-10
Unnormalized (U) 4-11
Zero (Z) 4-11
Extended Mode Register (EMR) 4-7
Arithmetic Saturation Mode (SM) 4-8
Cache Enable (CE) 4-8
Core Priority (CP) 4-7
, 4-8
DO FOREVER (FV) Flag 4-9
Instruction Cache Enable (CE) 4-7
Rounding Mode (RM) 4-8
Sixteen-Bit Arithmetic Mode (SA) 4-8
Mode Register (MR) 4-7
Do Loop Flag (LF) 4-9
Double-Precision Multiply Mode (DM) 4-9
Interrupt Mask (I) 4-10
Scaling (S) Mode 4-10
Sixteen-Bit Compatibility (SC) Mode 4-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com