Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 108 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 104Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 105Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 106Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 107Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 108Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 109Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 110Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 111Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 116 page
background image
Diagram
Bits
7
6
5
4
3
2
1
0
R
IRQ6
IRQ7
W
CRST
0000
00
00
Fields
Field
Function
7-4
-
Reserved.
3-2
IRQ6
Allows control of the IRQ6_B pin.
0X= Undriven (Z).
10= Drive IRQ6_B low.
11= Drive IRQ6_B high.
The status of IRQ6_B can be monitored with the IRQSTAT registers.
1-0
IRQ7
Allows control of the IRQ7_B pin.
0X= Undriven (Z).
10= Drive IRQ7_B low.
11= Drive IRQ7_B high.
The status of IRQ7_B can be monitored with the IRQSTAT registers.
3.63 Interrupt Drive 2 (IRQDRV2)
Address
Register
Offset
IRQDRV2
09Ah
Function
The IRQDRV2 register allows control of selected interrupt pins.
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
108 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com