Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 110 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 106Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 107Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 108Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 109Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 110Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 111Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 112Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 113Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 116 page
background image
Diagram
Bits
7
6
5
4
3
2
1
0
R
TMP_CTL
W
CRST
00
000000
Fields
Field
Function
7-6
TMP_CTL
Allows control of the TA_TMP_DETECT_B pin.
0X= Undriven (Z).
10= Drive TA_TMP_DETECT_B low.
11= Drive TA_TMP_DETECT_B high.
The status of TA_TMP_DETECT_B can be monitored with the IRQSTAT registers.
5-0
-
Reserved.
3.65 Core Management Space Registers
The core management address/data registers allow access to internal Qixis control registers, primarily the direct switch access
registers which allow easy reporting of board configuration.
For RDB systems, only the following are defined:
CMS Registers
Address
Name
Definition
00
SW#
Number of configuration switches.
01..0F
SWn
Image of configuration switch #n.
Ranges not listed are reserved.
A standard use of the CMSA/CMSD port is to read the state of configuration switches, for example:
Qixis_Set_Reg( CMS_A, 00h );
nr = Qixis_Get_Reg( CMS_D );
for (i = 1; i <= nr; i++) {
Qixis_Set_Reg( CMS_A, i );
printf("SW%1d = %02X\\ n", i, Qixis_Get_Reg( CMS_D ));
}
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
110 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com