Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 58Page - STMicroelectronics STLC5466 Datasheet HTML 59Page - STMicroelectronics STLC5466 Datasheet HTML 60Page - STMicroelectronics STLC5466 Datasheet HTML 61Page - STMicroelectronics STLC5466 Datasheet HTML 62Page - STMicroelectronics STLC5466 Datasheet HTML 63Page - STMicroelectronics STLC5466 Datasheet HTML 64Page - STMicroelectronics STLC5466 Datasheet HTML 65Page - STMicroelectronics STLC5466 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
STLC5466
62/130
VI.35 - Time Slot Assigner Address Register 2
TAAR2 (54)H
This register concerns the second 32 HDLC controller named HDLC2 connected to input6/output6 of the
switching matrix.
• N.B. After software reset (bit 2 of IDCR Register) or pin reset the automate above mentioned is working.
The automate is stopped when the microprocessor writes TAAR Register with HDI = 0.
VI.36 - Time Slot Assigner Data Register 2
TADR2 (56)H
This register concerns the second 32 HDLC controller named HDLC2 connected to input6/output6 of the
switching matrix
A16/23: These 8 bits define two areas of the shared Memory; each area is multiple of 64Kbytes. The
shared Memory is split in two parts:
the upper part of the shared Memory is affected to the first half part of the Fetch Memory located
in the microprocessor interface,
the lower part is affected to the second half part of the Fetch Memory.
Particular case: A16/23=0. One area of the shared Memory is defined, the two parts of the Fetch
Memory are merged.
bit15
bit8
bit7
bit0
TS4
TS3
TS2
TS1
TS0
READ
Nu
HDI
r
e
s
e
r
v
e
d
After reset (0100)H
READ
: READ MEMORY
READ = 1, Read Time slot Assigner Memory 2.
READ = 0, Write Time slot Assigner Memory 2.
TS0/4
: TIME SLOTS0/4
These five bits define one of 32 time slots in which a channel is set-up or not.
HDI
: HDLC2 INIT
HDI = 1, TSA2 Memory, Tx HDLC2, Tx DMA2, Rx HDLC2, Rx DMA2 are reset. An automate
writes data from Time slot Assigner Data Register 2 (TADR2) (except CH0/4 bits) into each
TSA Memory location. If the microprocessor reads Time slot Assigner Memory 2 after HDLC2
INIT, CH0/4 bits of Time slot Assigner Data Register are identical to TS0/4 bits of Time slot
Assigner Address Register 2.
HDI = 0, Normal state.
bit15
bit8
bit7
bit0
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
CH4
CH3
CH2
CH1
CH0
After reset (0000)H
CH0/4
: CHANNEL0/4
These five bits define one of 32 channels associated to time slot defined by the previous Reg-
ister 2(TAAR2).
V1/8
: VALIDATION
The logical channel CHx is constituted by each subchannel 1 to 8 and validated by V1/8 bit at
1 respectively.
V1 to V8 are at “0’: the subchannels are ignored.
V1 corresponds to the first bit received during the current time slot.
V1 at 1: the first bit of the current time slot is taken into account in reception and in transmission
the first bit transmitted is taken into account.
V8 at 1: the last bit of the current time slot is taken into account in reception the last bit received
and in transmission the last bit transmitted in transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com