Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 27Page - STMicroelectronics STLC5466 Datasheet HTML 28Page - STMicroelectronics STLC5466 Datasheet HTML 29Page - STMicroelectronics STLC5466 Datasheet HTML 30Page - STMicroelectronics STLC5466 Datasheet HTML 31Page - STMicroelectronics STLC5466 Datasheet HTML 32Page - STMicroelectronics STLC5466 Datasheet HTML 33Page - STMicroelectronics STLC5466 Datasheet HTML 34Page - STMicroelectronics STLC5466 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
31/130
STLC5466
VI - INTERNAL REGISTERS
‘Not used’ bits (Nu) are accessible by the microprocessor but the use of these bits by software is not rec-
ommended.
‘Reserved’ bits are not implemented in the circuit. However, it is not recommended to use these bits.
VI.1 - Identification and Dynamic Command Register
IDCR (00)H
When this register is read by the microprocessor, the circuit code C0/15 is returned. Reset has no effect
on this register.
C0/3 indicates the version.
C4/7 indicates the revision.
C8/11 indicates the foundry.
C12/15 indicates the type.
Example: this code is (0010)H for the first sample.
When this register is written by the microprocessor then:
After writing this register, the values of these three bits return to the default value.
VI.2 - General Configuration Register 1
GCR1 (02)H
bit15
bit8
bit7
bit0
C15
C14
C13
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
C0
bit15
bit8
bit7
bit0
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
Nu
RSS
WDR
TL
TL
: TOKEN LAUNCH
When TL is set to 1 by the microprocessor, the token pulse is launched from the TRO pin (Token
Ring Output pin). This pulse is provided to the TRI pin (Token Ring Input pin) of the next circuit
in the applications where several Multi-HDLCs are connected to the same shared memory.
WDR : WATCHDOG RESET.
When the bit 1 (WDR) of this register is set to 1 by the microprocessor, the watchdog counter is
reset.
RSS : RESET SOFTWARE
When the bit 2 (RSS) of this register is set to 1 by the microprocessor, the circuit is reset (Same
action as reset pin).
bit15
bit8
bit7
bit0
SBV
MBL
AFAB
SCL
BSEL SELB
CSD
HCL
SYN1 SYN0
D7
EVM
TSV
TRD
PMA
WDD
After reset (0000)H
WDD
: Watch Dog Disable
WDD = 1, the Watch Dog is masked: WDO pin stays at “0”.
WDD = 0, the Watch Dog generates an “1” on WDO pin if the microprocessor has not reset the
Watch Dog during the duration programmed in Timer Register.
PMA
: Priority Memory Access
PMA = 1, if the token ring has been launched it is captured and kept in order to authorize mem-
ory accesses.
PMA = 0, memory is accessible only if the token is present; after one memory access the token
is re-launched from TRO pin of the current circuit to TRI pin of the next circuit.
TRD
: Token Ring Disable
TRD = 1, if the token has been launched, the token ring is stopped and destroyed; memory ac-
cesses are not possible. The token will not appear on TRO pin.
TRD = 0, the token ring is authorized; when the token will be launched, it will appear on TRO
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com