Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 67Page - STMicroelectronics STLC5466 Datasheet HTML 68Page - STMicroelectronics STLC5466 Datasheet HTML 69Page - STMicroelectronics STLC5466 Datasheet HTML 70Page - STMicroelectronics STLC5466 Datasheet HTML 71Page - STMicroelectronics STLC5466 Datasheet HTML 72Page - STMicroelectronics STLC5466 Datasheet HTML 73Page - STMicroelectronics STLC5466 Datasheet HTML 74Page - STMicroelectronics STLC5466 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
71/130
STLC5466
VII - EXTERNAL REGISTERS
These registers are located in shared memory. Initiate Block Address Registers (IBAR1 and IBAR2) give
respectively the Initiate Block Address (IBA1 and IBA2) in shared memory.
From IBA1 the different addresses are obtained:
• Initialization Block address concerning the first HDLC Controller (HDLC1)
• HDLC interrupt Queue for the first HDLC Controller (HDLC1) and the second (HDLC2)
• MON interrupt Queue
• C/I interrupt Queue
From IBA1 only the following address is obtained:
• Initialization Block address concerning the second HDLC Controller (HDLC2)
‘Not used’ bits (Nu) are accessible by the microprocessor but the use of these bits by software is not rec-
ommended.
VII.1 - Initialization Block in External Memory (IBA1 and IBA2)
When Direct Memory Access Controller receives START from one of 64 channels, it reads initialization
block immediately to know the first address of the first descriptor for this channel.
Bit 0 of Transmit Descriptor Address (TDA Low) and bit 0 of Receive Descriptor Address (RDA Low), are
at ZERO mandatory. This Least Significant Bit is not used by DMA Controller, the shared memory is al-
ways a 16 bit memory for the DMA Controller.
The Receive Descriptor Address (RDA) is never modified by the RX DMA Controller in this Initialization
Block
N.B. If several descriptors are used to transmit the current frame then before transmitting frame, TX DMA
Controller stores the address of the first Transmit Descriptor Address (TDA) into this Initialization Block if
BOF bit is at “1” (See Transmit Descriptor).
Descriptor Address
Channel
Address
bit15
bit8
bit7
bit0
CH 0
T
IBA+00
Not used
TDA High
IBA+02
Transmit Descriptor Address (TDA Low)
R
IBA+04
Not used
RDA High
IBA+06
Receive Descriptor Address (RDA Low)
CH1
T
IBA+08
Not used
TDA High
IBA+10
Transmit Descriptor Address (TDA Low)
R
IBA+12
Not used
RDA High
IBA+14
Receive Descriptor Address (RDA Low)
CH 2
to
CH30
IBA+16
to
IBA+246
CH 31
T
IBA+248
Not used
TDA High
IBA+250
Transmit Descriptor Address (TDA Low)
R
IBA+252
Not used
RDA High
IBA+254
Receive Descriptor Address (RDA Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com