Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 17Page - STMicroelectronics STLC5466 Datasheet HTML 18Page - STMicroelectronics STLC5466 Datasheet HTML 19Page - STMicroelectronics STLC5466 Datasheet HTML 20Page - STMicroelectronics STLC5466 Datasheet HTML 21Page - STMicroelectronics STLC5466 Datasheet HTML 22Page - STMicroelectronics STLC5466 Datasheet HTML 23Page - STMicroelectronics STLC5466 Datasheet HTML 24Page - STMicroelectronics STLC5466 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
21/130
STLC5466
• in transmission: 16 ISDN channels (B1+B2+B*).
It is possible to switch the contents of B1, B2 and
D channels from 16 GCI channels in any 16 “ISDN
channels”, TDM side.
The contents of B1 and/or B2 can be scrambled or
not. If scrambled the number of the 32 timeslots
(TDM side) are different mandatory.
Receiving the contents of Monitor and Command
/ Indicate channels from 16 GCI channels. Primi-
tives and messages are stored automatically in
the external shared memory.
Transmitting “six bit word” (A, E, S1, S2, S3, S4)
to any 16 “ISDN channels” TDM side or not. See
SBV bit of General Configuration Register GCR
(02)H.
– Downstream. From ISDN channels to GCI chan-
nels.
• in reception: ISDN channel (B1+B2+B*)
• in transmission: GCI channel (B1+B2+MON+
D+C/I)
It is possible to switch the contents of B1, B2 and
D channels from 16 “ISDN channels”, TDM side in
16 GCI channels.
The contents of B1 and/or B2 can be descrambled
or not. If descrambled the 32 B1/B2 belong to GCI
channels mandatory.
Receiving six bit word (A, E, S1, S2, S3, S4) from
any 16 “ISDN channels”, TDM side. The 16 “six bit
word” are stored automatically in the external
shared memory.
Transmitting the contents of Monitor and Com-
mand / Indicate channels to 16 GCI channels. See
SBV bit of General Configuration Register GCR
(02)H.
– Alarm Indication Signal.
This detection concerns 16 hyperchannels. One
hyperchannel comprises 16 bits (B1 and B2 only).
The Alarm Indications for the 16 hyperchannels
are stored automatically in the external shared
memory. See AISD bit of Switching Matrix Config-
uration Register SMCR (0C)H.
III.6 - Microprocessor Interface
III.6.1 - Description
The Multi-HDLC circuit can be controlled by sever-
al types of microprocessors (ST9/10, Intel/Motoro-
la 8 or 16 data bits interfaces) such as:
– ST9/10 family
– INTEL 80C188 8 bits
– INTEL 80C186 16 bits
– INTEL 386EX 16 bits
– MOTOROLA 68000 16 bits
– MOTOROLA 68020 32 bits
Table 14: Microprocessor Interface Selection
During the initialization of the Multi-HDLC circuit,
the microprocessor interface is informed of the
type of microprocessor that is connected by polar-
isation of three external pins MOD 0/2.
Three chip Select (CS0/2) pins are provided. CS0
will select the internal registers and CS1 the exter-
nal memory. CS2 can be used to select the exter-
nal memory in INTEL 386EX application only (see
pin 41 definition).
III.6.2 - Buffer
A Buffer is located in the microprocessor interface.
It is used whatever microprocessor selected
thanks to MOD0/2 pins. It allows to reduce the
shared memory access cycles for the microproc-
essor.
This Buffer consists of one Write FIFO and one
Read Fetch Memory (see Figure).
III.6.2.1 - Write FIFO
When the microprocessor delivers the address
word named Ax to write data named [Ax] in the
shared memory in fact it writes data [Ax] and ad-
dress word Ax in the Write FIFO (8 words). If Ax is
in Fetch Memory, [Ax] is removed in Fetch Memo-
ry.
There is no wait time for the microprocessor if the
Write FIFO is not full entirely.
MOD2
Pin
MOD1
Pin
MOD0
Pin
Microprocessor
0
1
1
80C188
1
1
1
80C186
1
0
0
68000
0
0
0
68020
0
0
1
ST9
1
0
1
ST10 A/D multiplexed
1
1
0
ST10 A/D Not multiplexed
0
1
0
386EX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com