Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 16Page - STMicroelectronics STLC5466 Datasheet HTML 17Page - STMicroelectronics STLC5466 Datasheet HTML 18Page - STMicroelectronics STLC5466 Datasheet HTML 19Page - STMicroelectronics STLC5466 Datasheet HTML 20Page - STMicroelectronics STLC5466 Datasheet HTML 21Page - STMicroelectronics STLC5466 Datasheet HTML 22Page - STMicroelectronics STLC5466 Datasheet HTML 23Page - STMicroelectronics STLC5466 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
STLC5466
20/130
The GCI or V* channels are composed of 4 bytes
and have both the same general structure.
Only Monitor handshakes and S/C bytes are dif-
ferent in the three protocols:
ISDN V* S/C byte
ISDN GCI S/C byte
Analog GCI S/C byte
In GCI protocol, A and E are the handshake bits
and are used to control the transfer of information
on monitor channels.The E bit indicates the trans-
fer of each new byte in one direction and the A bit
acknowledges this byte transfer in the reverse di-
rection.
In
V*
protocol,
there
isn’t
any
handshake
mode.The transmitter has only to mark the validity
of the Monitor byte by positioning the E bit (T is not
used and is forced to “1”).
For more information about the GCI and V*, refer
to the General Interface Circuit Specification
(issue1.0, march 1989) and the France Telecom
Specification about ISDN Basic Access second
generation (November 1990).
III.3.3 - Structure of the Treatment
In reception GCI/V* TDM’s are connected to DIN 4
and DIN 5. The D channels are switched through
the matrix towards the output 7 and output6 then
towards the HDLC receivers. The Monitor and S/C
bytes are multiplexed and sent to the CI and Mon-
itor receivers.
In transmission, the S/C and Monitor bytes are re-
combined by multiplexing the information provided
by the Monitor, C/I and the HDLC Transmitter.
Like in reception, the D channel is switched
through the matrix (input 7 towards DOUT 4 and
DOUT 5).
III.3.4 - CI and Monitor Channel Configuration
Monitor channel data is located in a time slot; the
CI and monitor handshake bits are in the next time
slot.
Each channel can be defined independently. A ta-
ble with all the possible configurations is present-
ed hereafter (Table 13).
Table 13: C/I and MON Channel Configuration
Note: A mix of V* and GCI monitoring can be performed for two dis-
tinct channels in the same application.
III.3.5 - CI and Monitor Transmission/Reception
Command
The reception of C/I and Monitor messages are
managed by two interrupt queues.
In transmission, a transmit command register is
implemented for each C/I and monitor channel
(16C/I transmit command registers and 16 Monitor
transmit command registers). Those registers are
accessible in read and write modes by the micro-
processor.
III.4 - Scrambler and Descrambler
The TDM4 and TDM5 can be GCI multipexes.
Each GCI multipex comprises 8 GCI channels.
Each GCI channel comprises two B channels at
64 Kbit/s.
In reception it is possible to switch and to scramble
the contents of 32 B channels of GCI channels to
32 timeslots of the 256 output timeslots. In trans-
mission these 32 timeslots are assigned to 32 B
channels.
In the other direction the contents of an selected B
channels is automatically switched and descram-
bled to one B channel of 16 GCI channel.
See SCR bit of Connection Memory Data Register
CMDR (0E)H.
III.5 - Connection between “ISDN channels”
and GCI channels.
Three timeslots are assigned to one “ISDN chan-
nels”. Each “ISDN channels” comprises three
channels: B1+B2+B* with B*= D1,D2, A, E, S1,
S2, S3, S4 (See figure).
– Upstream. From GCI channels to ISDN chan-
nels.
• in reception: 16 GCI channels (B1+B2+MON+
D+C/I),
B1
B2
MON
S/C
B1, B2 : Bytes of data. Those bytes are not af-
fected by the monitor and CI protocols.
MON
: Monitor channel for operation and
maintenance information.
S/C
: Signalling and control information.
D 2 bits
C/I 4 bits
T
E
D 2 bits
C/I 4 bits
A
E
C/I 6 bits
A
E
CI : The Command/Indicate channel is used for
activation/deactivation of lines and control
functions.
D : These 2 bits carry the 16 kbit/s ISDN basic
access D channel.
C/I validated
or not
CI For analog subscriber (6 bits)
CI For ISDN subscriber (4 bits)
Monitor validated
or not
Monitor V*
Monitor GCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com