Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 44Page - STMicroelectronics STLC5466 Datasheet HTML 45Page - STMicroelectronics STLC5466 Datasheet HTML 46Page - STMicroelectronics STLC5466 Datasheet HTML 47Page - STMicroelectronics STLC5466 Datasheet HTML 48Page - STMicroelectronics STLC5466 Datasheet HTML 49Page - STMicroelectronics STLC5466 Datasheet HTML 50Page - STMicroelectronics STLC5466 Datasheet HTML 51Page - STMicroelectronics STLC5466 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 130 page
background image
STLC5466
48/130
VI.14 - HDLC Receive Command Register 1
HRCR1 (1A)H
bit15
bit8
bit7
bit0
CH4
CH3
CH2
CH1
CH0 READ AR21 AR20 AR11 AR10
CRC
FM
P1
P0
C1
C0
After reset (0000)H
READ : READ COMMAND MEMORY
READ = 1, READ COMMAND MEMORY.
READ = 0, WRITE COMMAND MEMORY.
CH0/4 : These five bits define one of 32 channels.
C1/C0 : COMMAND BITS
C1/C0 : STATUS BITS
P0/1
: PROTOCOL BITS
C1
C0
Command Bits written by the microprocessor
0
0
ABORT; if this command occurs during receiving a current frame, HDLC Controller stops the
reception, generates an interrupt and waits new command such as START or CONTINUE.
If this command occurs after receiving a frame, HDLC Controller generates an interrupt and
waits a new command such as START or CONTINUE.
0
1
START; Rx DMA Controller is now going to transfer first frame into buffer related to the initial
descriptor. The initial descriptor address is provided by the Initiate Block located in external
memory.
1
0
CONTINUE; Rx DMA Controller is now going to transfer next frame into buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already received.
1
1
HALT; after receiving a frame, HDLC Controller stops the reception, generates an interrupt
and waits a new command such as START or CONTINUE.
C1
C0
Status Bits read by the microprocessor
0
0
ABORT; the received current frame has been aborted (seven “1” at least have been received)
or the microprocessor has written ABORT.
The HDLC Controller waits a new command such as START or CONTINUE
0
1
START; the microprocessor has written START.The HDLC Controller has not taken into ac-
count the command yet.
1
0
CONTINUE; RX DMA Controller is transferring frames
1
1
HALT; HDLC Controller stops the reception, generates an interrupt and waits a new com-
mand such as START or CONTINUE.
P1
P0
Transmission Mode
00
HDLC
0
1
Transparent Mode 1 (one byte per timeslot); the fill character defined in FCR Register is taken
into account.
1
0
Transparent Mode 2 (one byte per timeslot); the fill character defined in FCR Register is not
taken into account.
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com