Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 52Page - STMicroelectronics STLC5466 Datasheet HTML 53Page - STMicroelectronics STLC5466 Datasheet HTML 54Page - STMicroelectronics STLC5466 Datasheet HTML 55Page - STMicroelectronics STLC5466 Datasheet HTML 56Page - STMicroelectronics STLC5466 Datasheet HTML 57Page - STMicroelectronics STLC5466 Datasheet HTML 58Page - STMicroelectronics STLC5466 Datasheet HTML 59Page - STMicroelectronics STLC5466 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 130 page
background image
STLC5466
56/130
VI.27 - Initiate Block Address Register 1
IBAR1 (34)H
The Initiate Block Address (IBA1) is:
The 23 more significant bits define one of 8 Megawords. (One word comprises two bytes.)
The least significant bit defines one of two bytes when the microprocessor selects one byte.
Example: MHDLC device address inside
µP mapping = 100000H
Initiate Block for HDLC1 address inside
µP mapping = 110000H
IBAR1 value = (110000 - 100000)/256 = 100H
VI.28 - Interrupt Queue Size Register
IQSR(36)H
bit15
bit8
bit7
bit0
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
After reset (0000)H
A8/23 : Address bits. These 16 bits are the segment address bits of the Initiate Block (A8 to A23 for the
external memory).The offset is zero (A0 to A7 =”0”).
This register concerns the first 32 HDLC Controller 1 named HDLC 1 connected to Din7/Dout7 of the
switching matrix. The Interrupt Queue is common for the first HDLC Controller1 and for the second HDLC
Controller 2. So this register concerns the location of the Interrupt Queue. The location of the Interrupt
Queue is found from the contents of this first IBAR Register 1 (34)H.
A8/23 : Address bits. These 16 bits are the segment address bits of the Initiate Block (A8 to A23 for the
external memory in the MHDLC address space).The offset is zero (A0 to A7 =”0”).
23
87
0
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
0
0
0
0
0
0
0
0
bit15
bit8
bit7
bit0
TBFS
0000
000
HS2
HS1
HS0
MS2
MS1
MS0
CS1
CS0
After reset (0000)H
CS0/1 : Command/Indicate Interrupt Queue Size
These two bits define the size of Command/Indicate Interrupt Queue in external memory.
The location is IBA + 256 + HDLC Queue size + Monitor Channel Queue Size (see The Initiate
Block Address (IBA)).
MS0/2 : Monitor Channel Interrupt Queue Size
These three bits define the size of Monitor Channel Interrupt Queue in external memory.
The location is IBA + 256 + HDLC Queue size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com