Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 30Page - STMicroelectronics STLC5466 Datasheet HTML 31Page - STMicroelectronics STLC5466 Datasheet HTML 32Page - STMicroelectronics STLC5466 Datasheet HTML 33Page - STMicroelectronics STLC5466 Datasheet HTML 34Page - STMicroelectronics STLC5466 Datasheet HTML 35Page - STMicroelectronics STLC5466 Datasheet HTML 36Page - STMicroelectronics STLC5466 Datasheet HTML 37Page - STMicroelectronics STLC5466 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
STLC5466
34/130
VI.4 - Input Multiplex Configuration Register 1
IMCR1 (06)H
N.B. If DIN4 and DIN5 are GCI Multiplexes: then ST(4)1 = ST(4)0 = 0 and ST(5)1 = ST(5)0 = 0 normally.
VI.5 - Output Multiplex Configuration Register 0
OMCR0 (08)H
See definition in next Paragraph.
VI.6 - Output Multiplex Configuration Register 1
OMCR1 (0A)H
bit15
bit8
bit7
bit0
LP7
DEL7 ST(7)1 ST(7)0 LP6
DEL6 ST(6)1 ST(6)0 LP5 DEL5 ST(5)1 ST(5)0 LP4 DEL4 ST(4)1 ST(4)0
After reset (0000)H
ST(i)0 : STEP0 for each Input Multiplex(i) with (0
≤ i ≤ 7), delayed or not.
ST(i)1 : STEP1 for each Input Multiplex(i) with (0
≤ i ≤ 7), delayed or not.
DEL(i) : DELAYED Multiplex i(0
≤ i ≤ 7).
When IMTD = 0 (bit of SMCR), DEL = 1 is not taken into account by the circuit.
If TDM is at 2048 kb/s,1/2 bit-time is 244 ns,
If TDM is at 4096 kb/s,1/2 bit-time is 122 ns.
LP (i) : LOOPBACK 0/7
LPi = 1, Output Multiplex(i) is put instead of Input Multiplex(i) with (0
≤ i ≤ 7). LOOPBACK is trans-
parent or not in accordance with OMVi (bit of Output Multiplex Configuration Register).
LPi = 0, Normal case, Input Multiplex(i) with (0
≤ i ≤ 7) is taken into account.
bit15
bit8
bit7
bit0
OMV3 DEL3 ST(3)1 ST(3)0 OMV2 DEL2 ST(2)1 ST(2)0 OMV1 DEL1 ST(1)1 ST(1)0 OMV0 DEL0 ST(0)1 ST(0)0
After reset (0000)H
bit15
bit8
bit7
bit0
OMV7 DEL7 ST(7)1 ST(7)0 OMV6 DEL6 ST(6)1 ST(6)0 OMV5 DEL5 ST(5)1 ST(5)0 OMV4 DEL4 ST(4)1 ST(4)0
After reset (0000)H
ST(i)0 : STEP0 for each Output Multiplex(i) with (0
≤ i ≤ 7), delayed or not.
ST(i)1 : STEP1 for each Output Multiplex(i) with (0
≤ i ≤ 7), delayed or not.
.
DEL (i)
ST (i) 1
ST (i) 0
STEP for each Input Multiplex 0/7 delayed or not
X
0
0
Each received bit is sampled at 3/4 bit-time without delay (TDM at 2
Mb/s).First bit of the frame is defined by Frame synchronization Signal.
1
0
1
Each received bit is sampled with 1/2 bit-time delay
1
1
0
Each received bit is sampled with 1 bit-time delay
1
1
1
Each received bit is sampled with 2 bit-time delay
0
0
1
Each received bit is sampled with 1/2 bit-time advance
0
1
0
Each received bit is sampled with 1 bit-time advance
0
1
1
Each received bit is sampled with 2 bit-time advance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com