Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 66Page - STMicroelectronics STLC5466 Datasheet HTML 67Page - STMicroelectronics STLC5466 Datasheet HTML 68Page - STMicroelectronics STLC5466 Datasheet HTML 69Page - STMicroelectronics STLC5466 Datasheet HTML 70Page - STMicroelectronics STLC5466 Datasheet HTML 71Page - STMicroelectronics STLC5466 Datasheet HTML 72Page - STMicroelectronics STLC5466 Datasheet HTML 73Page - STMicroelectronics STLC5466 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
STLC5466
70/130
VI.44 - Timer Register 2
TIMR2 (7C)H
This programmable Timer Register 2 indicates the period of the Super Frame Synchronisation signal de-
livered by SFS pin (which is an output).
The duration of the signal is 250 microseconds. The minimum programmable period is 500 microseconds.
The clock frequency of the associated counter is the frequency divided by two of FS Frame Synchronisa-
tion signal applied to FS pin (which is an input).
bit15
bit8
bit7
bit0
S3
S2
S1
S0
MS9
MS8
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
MM1
MM0
0 to 15s
0 to 999ms
0 to 3x0.25ms
After reset (0780)H id 480 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com