Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 20Page - STMicroelectronics STLC5466 Datasheet HTML 21Page - STMicroelectronics STLC5466 Datasheet HTML 22Page - STMicroelectronics STLC5466 Datasheet HTML 23Page - STMicroelectronics STLC5466 Datasheet HTML 24Page - STMicroelectronics STLC5466 Datasheet HTML 25Page - STMicroelectronics STLC5466 Datasheet HTML 26Page - STMicroelectronics STLC5466 Datasheet HTML 27Page - STMicroelectronics STLC5466 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
STLC5466
24/130
III.7.4.3 - Memory obtained with 8M x 8 SDRAM
circuit
The Address bits delivered by the Multi-HDLC for
8M x 8 SDRAM microprocessor circuits are:
– ADM12/13 for Bank select corresponding with
A22/23 delivered by the microprocessor
– ADM0/11 for Row address inputs corresponding
with A10/21 delivered by the microprocessor
– ADM0/8 for Column address inputs correspond-
ing with A1/9 delivered by the microprocessor
III.7.4.4 - Memory obtained with 4M x 16
SDRAM circuit
The Address bits delivered by the Multi-HDLC for
4M x 16 SDRAM circuits are:
– ADM12/13 for Bank select corresponding with
A21/22 delivered by the microprocessor
– ADM0/11 for Row address inputs corresponding
with A9/20 delivered by the microprocessor
– ADM0/7 for Column address inputs correspond-
ing with A1/8 delivered by the microprocessor
III.8 - Bus Arbitration
The Bus arbitration function arbitrates the access
to the bus between different entities of the circuit.
Those entities which can call for the bus are the
following:
– The receive DMA controller,
– The microprocessor,
– The transmit DMA controller,
– The Interrupt controller,
– The
memory
interface
for
refreshing
the
SDRAM.
This list gives the memory access priorities per de-
fault.
If the treatment of more than 64 HDLC channels is
required by the application, it is possible to chain
several Multi-HDLC components. That is done
with two external pins (TRI, TRO) and a token ring
system.
The TRI, TRO signals are managed by the bus ar-
bitration function too. When a chip has finished its
tasks, it sends a pulse of 30 ns to the next chip.
III.9 - Clocks
III.9.1 - Clock Distribution Selection and Super-
vision
Two clock distributions are available:
Clock at 4.096 MHz or 8.192 MHz and a synchro-
nization signal at 8 KHz.
The component has to select one of these two dis-
tributions and to check its integrity.
Two other clock distributions are allowed: Clock at
3072 MHz or 6144 MHz and a synchronization sig-
nal at 8 KHz.
See General Configuration Register GCR (02)H.
DCLK, FSC GCI and FSC V* are output on three
external pins of the Multi-HDLC. DCLK is the clock
selected between Clock A and Clock B. FSC, GCI
and FSC V* are functions of the selected distribu-
tion and respect the GCI and V* frame synchroni-
zation specifications.
The supervision of the clock distribution consists
of verifying its availability. The detection of the
clock absence is done in a less than 250 microsec-
onds. In case the clock is absent, an interrupt is
generated with a 4 kHz recurrence. Then the clock
distribution is switched automatically up to detec-
tion of couple A or couple B. When a couple is de-
tected the change of clock occurs on a falling edge
of the new selected distribution. Moreover the
clock distribution can be controlled by the micro-
processor thanks to SELB, bit of General Configu-
ration Register.
Depending on the applications, three different sig-
nals of synchronization (GCI, V* or Sy) can be pro-
vided to the component. The clock A/B frequency
can be a 4096 or 8192 kHz clock. The component
is informed of the synchronization and clocks that
are connected by software.
III.9.2 - VCXO Frequency Synchronization
An external VCXO can be used to provide a clock
to the transmission components. This clock is con-
trolled by the main clock distribution (Clock A or
Clock B at 4096kHz). As the clock of the transmis-
sion component is 15360 or 16384kHz, a config-
urable function is necessary.
The VCXO frequency is divided by P (30 or 32) to
provide a common sub-multiple (512kHz) of the
reference
frequency
CLOCKA
or
CLOCKB
(4096kHz). The comparison of these two signals
gives an error signal which commands the VCXO.
Two external pins are needed to perform this func-
tion: VCXO-IN and VCXO-OUT.
Signals
A0 or equivalent
NLDS
NUDS
UDQM
1
0
1
LDQM
0
1
0
Signals
A23
Signals
A0 or
equiva-
lent
NLDS NUDS
NCE1
1
UDQM
1
0
1
NCE0
0
LDQM
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com