Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 4Page - STMicroelectronics STLC5466 Datasheet HTML 5Page - STMicroelectronics STLC5466 Datasheet HTML 6Page - STMicroelectronics STLC5466 Datasheet HTML 7Page - STMicroelectronics STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics STLC5466 Datasheet HTML 10Page - STMicroelectronics STLC5466 Datasheet HTML 11Page - STMicroelectronics STLC5466 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
STLC5466
8/130
9
VCXO IN
I3_ft
VCXO input signal. This signal is compared to clock A(orB)
selected inside the
Multi-HDLC.
10
VCXO OUT
O3_ft
VCXO error signal. This pin delivers the result of the comparison.
12
CLOCKA
I3_ft
Input Clock A (4096kHz or 8192kHz)
13
CLOCKB
I3_ft
Input Clock B (4096kHz or 8192kHz)
14
FRAMEA
I3_ft
Clock A at 8kHz
15
FRAMEB
I3_ft
Clock B at 8kHz
11
DCLK
O6_ft
Data Clock issued from Input Clock A (or B). This clock is delivered by the cir-
cuit at 4096kHz (or 2048kHz). DOUT0/7 are transmitted on the rising edge of
this signal. DIN0/7 are sampled on the falling edge of this signal.
19
FSCG
O6_ft
Frame synchronization for GCI at 8kHz.
This clock is issued from FRAME A (or B).
20
FSCV*
O6_ft
Frame synchronization for V Star at 8kHz
18
FS
I3_ft
Frame synchronization.
This signal synchronizes DIN0/8 and DOUT0/7 and CB.
21
PSS
O3_ft
Programmable synchronization Signal.
PSS is programmed by the PS bit of connection memory.
TIME DIVISION MULTIPLEXES (TDM)
22
DIN0
I3_ft
TDM0 Data Input 0
23
DIN1
I3_ft
TDM1 Data Input 1
24
DIN2
I3_ft
TDM2 Data Input 2
25
DIN3
I3_ft
TDM3 Data Input 3
26
DIN4
I3_ft
TDM4 Data Input 4
27
DIN5
I3_ft
TDM5 Data Input 5
28
DIN6
I3_ft
TDM6 Data Input 6
29
DIN7
I3_ft
TDM7 Data Input 7
30
DIN8
I3_ft
TDM8 Data Input 8, Direct access to 1st 32 HDLC Controller
153
DIN9
I3_ft
TDM9 Data Input 9, Direct access to 2nd 32 HDLC Controller
33
DOUT0
O6DT_ft TDM0 Data Output 0
34
DOUT1
O6DT_ft TDM1 Data Output 1
35
DOUT2
O6DT_ft TDM2 Data Output 2
36
DOUT3
O6DT_ft TDM3 Data Output 3
37
DOUT4
O6DT_ft TDM4 Data Output 4
38
DOUT5
O6DT_ft TDM5 Data Output5
39
DOUT6
O6DT_ft TDM6 Data Output6
40
DOUT7
O6DT_ft TDM7 Data Output 7
Pin N°
Symbol
Type
Function
Type
ft: five volts tolerant
fnt: five volts not tolerant
TTL
I1_ft = Input TTL
I2_ft = I1_ft+pull up
I3_ft = I1_ft+hysteresis
I4_ft = I3_ft+pull up
TTL
I/O6 _ft = Input TTL/ Output TTL 6 mA
I5_ft = I3_ft+pull down;
TTL
O3 _ft = Output TTL 3 mA
O3T_ft = O3_ft+Tristate
O6_ft = Output TTL 6mA
TTL
O6D_ft = Output TTL 6mA, Open Drain
O6DT_ft = Output TTL 6mA, Open Drain or Tristate
CMOS
I/O8_fnt = Input TTL, /Output CMOS 8mA;
O8T_fnt = Output CMOS
8mA
I/O8_fnt = Input TTL, /Output CMOS
8mA
CMOS
O4_fnt = Output CMOS 4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com