Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 54Page - STMicroelectronics STLC5466 Datasheet HTML 55Page - STMicroelectronics STLC5466 Datasheet HTML 56Page - STMicroelectronics STLC5466 Datasheet HTML 57Page - STMicroelectronics STLC5466 Datasheet HTML 58Page - STMicroelectronics STLC5466 Datasheet HTML 59Page - STMicroelectronics STLC5466 Datasheet HTML 60Page - STMicroelectronics STLC5466 Datasheet HTML 61Page - STMicroelectronics STLC5466 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 130 page
background image
STLC5466
58/130
VI.30 - Interrupt Mask Register
IMR (3A)H
RxFWAR : Rx DMA CONTROLLER FIFO WARNING
RxFWAR = 1, Rx DMA CONTROLLER has generated an interrupt, its fifo is 3/4 completed.
RxFOV
: Rx DMA CONTROLLER FIFO OVERLOAD
RxFOV = 1, Rx DMA CONTROLLER has generated an interrupt, it cannot transfer data from
Rx HDLC to external memory, its fifo is completed.
TxFWAR : Tx DMA CONTROLLER FIFO WARNING
TxFWAR = 1, Tx DMA CONTROLLER has generated an interrupt, its fifo is 3/4 completed.
TxFOV
: Tx DMA CONTROLLER FIFO OVERLOAD
TxFOV = 1, Tx DMA CONTROLLER has generated an interrupt, it cannot transfer data from
Tx HDLC to external memory, its fifo is completed.
INTFWAR: INTERRUPT CONTROLLER FIFO WARNING
INTFWAR = 1, INTERRUPT CONTROLLER has generated an interrupt, its fifo is 3/4 com-
pleted.
INTFOV
: INTERRUPT CONTROLLER FIFO OVERLOAD
INTFOV = 1, INTERRUPT CONTROLLER has generated an interrupt, it cannot transfer sta-
tus from DMA and GCI controllers to external memory, its internal fifo is completed.
TIM
: TIMER
TIM = 1, the programmable timer has generated an interrupt.
PRSR
: Pseudo Random Sequence Recovered
PRSR = 1,the Pseudo Random Sequence transmitted by the generator has been recovered
by the analyser.
SFCO
: Sequence Fault Counter Overload
SFCO = 1, the Fault Counter has reached the value FFFF(H).
bit15
bit8
bit7
bit0
Nu
Nu
IM13
IM12
IM11
IM10
IM9
IM8
IM7
IM6
IM5
IM4
IM3
IM2
IM1
IM0
After reset (FFFF)H
IM13/0 : INTERRUPT MASK 0/7
When IM0 = 1, HDLC bit is masked.
When IM1 =1, C/IRX bit is masked.
When IM2 = 1, MRX bit is masked.
When IM3 = 1, MTX bit is masked.
When IM4 = 1, ICOV bit is masked
When IM5 = 1, RxFWAR bit is masked.
When IM6 = 1, RxFOV bit is masked.
When IM7 = 1, TxFWAR bit is masked.
When IM8 = 1, TxFOV bit is masked.
When IM9 = 1, INTFWAR bit is masked.
When IM10 = 1, INTFOV bit is masked.
When IM11 = 1, TIM bit is masked.
When IM12 = 1, PRSR bit is masked.
When IM13 = 1, SFCO bit is masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com