Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 57Page - STMicroelectronics STLC5466 Datasheet HTML 58Page - STMicroelectronics STLC5466 Datasheet HTML 59Page - STMicroelectronics STLC5466 Datasheet HTML 60Page - STMicroelectronics STLC5466 Datasheet HTML 61Page - STMicroelectronics STLC5466 Datasheet HTML 62Page - STMicroelectronics STLC5466 Datasheet HTML 63Page - STMicroelectronics STLC5466 Datasheet HTML 64Page - STMicroelectronics STLC5466 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
61/130
STLC5466
VI.34 - Split Fetch Memory Register
SFMR (4E)H
This register must be programmed after reset before the first SDRAM access. Writing register is forbidden
between two SDRAM accesses.
SWAP
SWAP=1
The first byte (named 2b) of frames received (or transmitted) by the HDLCs is stored in bit 8/15
of the shared memory (or located in bit 8/15); the first bit received is stored in bit 8 of the shared
memory.
The first bit to be transmitted is located in bit 8 of the shared memory.
The second byte (named 2b+1) of the frame received (or transmitted) by the HDLCs is stored in
bit 0/7 of the shared memory; the first bit of the second byte received is stored in bit 0 of the
shared memory.
The ninth bit to be transmitted is located in bit 0 of the shared memory.
The bytes named (2b) are located in bit 8/15 of the shared memory; b from 0 to 2047.
The bytes named (2b+1) are located in bit 0/7of the shared memory.
SWAP=0
The first byte (named 2b) of frames received (or transmitted) by the HDLCs is stored in bit 0/7
of the shared memory (or located in bit 0/7); the first bit received is stored in bit 0 of the shared
memory.
The first bit to be transmitted is located in bit 0 of the shared memory.
The second byte (named 2b+1) of the frame received (or transmitted) by the HDLCs is stored in
bit 8/15 of the shared memory; the first bit of the second received is stored in bit 8 of the shared
memory.
The ninth bit to be transmitted is located in bit 8 of the shared memory.
The bytes named (2b) are located in bit 0/7 of the shared memory; b from 0 to 2047
The bytes named (2b+1) are located in bit 8/15 of the shared memory.
bit15
bit8
bit7
bit0
A23
A22
A21
A20
A19
A18
A17
A16
Nu
Nu
Nu
Nu
Nu
Nu
NAB
FFA
After reset (0000)H
FFA
: Fast Fetch memory Access. This bit is taken into account only when synchronous 386EX micro-
processor is selected.
FFA = 1; in case of read from synchronous 386EX microprocessor
• if LBA delivered by the microprocessor is at”1”,
• if the word is already in the Fetch memory,
• if the Write FIFO is empty,
• if no current burst due to a previous read Access
then there is no Twait.
FFA = 0; in case of read from synchronous 386EX microprocessor with the same conditions de-
scribed above there is one Twait.
NAB
: No Anticipation Burst
NAB = 1.
A read burst is generated only when a word required by the microprocessor is not present in the
fetch memory. No anticipation is done for potential further accesses.
NAB = 0.
An anticipation is added to the fetch memory management.
If one of four words of a burst is read by the microprocessor in the fetch memory and
if the following four words are not present and valid in the fetch memory,
then the following four words are transferred automatically by anticipation from SDRAM to the
fetch memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com