Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 38Page - STMicroelectronics STLC5466 Datasheet HTML 39Page - STMicroelectronics STLC5466 Datasheet HTML 40Page - STMicroelectronics STLC5466 Datasheet HTML 41Page - STMicroelectronics STLC5466 Datasheet HTML 42Page - STMicroelectronics STLC5466 Datasheet HTML 43Page - STMicroelectronics STLC5466 Datasheet HTML 44Page - STMicroelectronics STLC5466 Datasheet HTML 45Page - STMicroelectronics STLC5466 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 130 page
background image
STLC5466
42/130
– The IM2/1 bits of Source Register (SRCR of CMDR) indicate the DIN pin number and
the OM2/1 bits of Destination Register (DSTR of CMAR) indicate the Dout pin number
– The ITS4/0 and IM0 bits of Source Register (SRCR of CMDR) indicate the input timeslot number. (IM0
bit is the Least Significant Bit; it indicates either even timeslot or odd timeslot.
– The OTS4/0 and OM0 bits of Destination Register (DSTR of CMAR) indicate the output timeslot number.
(OM0 bit is the Least Significant Bit; it indicates either even timeslot or odd timeslot.
• Nota Bene:
CLOCK A/B is at 4 or at 8 MHz in accordance with HCL bit of General Configuration Register GCR (02).
– HCL=1, bit clock frequency is at 8 192 kHZ.
For a TDM at 4 Mbit/s or 2Mbit/s, each received bit is sampled at 3/4 bit-time.
IM2 (bit7)
IM1 (bit6)
DIN pin
OM2 (bit7)
OM1 (bit6)
DOUT pin
0
0
DIN0
0
0
DOUT0
0
1
DIN2
0
1
DOUT2
1
0
DIN4
1
0
DOUT4
1
1
DIN6
1
1
DOUT6
ITS4
(bit4)
ITS3
(bit3)
ITS2
(bit2)
ITS1
(bit1)
ITS0
(bit0)
IM0
(bit5)
Input timeslot
number
00
0
0
0
0
0
00
0
0
0
1
1
00
0
0
1
0
2
00
0
0
1
1
3
00
0
1
0
0
4
00
0
1
0
1
5
11
1
1
1
1
63
OTS4
(bit4)
OTS3
(bit3)
OTS2
(bit2)
OTS1
(bit1)
OTS0
(bit0)
OM0
(bit5)
Output timeslot
number
00
0
0
0
0
0
00
0
0
0
1
1
00
0
0
1
0
2
00
0
0
1
1
3
00
0
1
0
0
4
00
0
1
0
1
5
11
1
1
1
1
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com