Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 33Page - STMicroelectronics STLC5466 Datasheet HTML 34Page - STMicroelectronics STLC5466 Datasheet HTML 35Page - STMicroelectronics STLC5466 Datasheet HTML 36Page - STMicroelectronics STLC5466 Datasheet HTML 37Page - STMicroelectronics STLC5466 Datasheet HTML 38Page - STMicroelectronics STLC5466 Datasheet HTML 39Page - STMicroelectronics STLC5466 Datasheet HTML 40Page - STMicroelectronics STLC5466 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
37/130
STLC5466
VI.8 - Connection Memory Data Register
CMDR (0E)H
This 16 bit register is constituted by two 8 bit registers:
SOURCE REGISTER (SRCR) and CONTROL REGISTER (CTLR).
SOURCE REGISTER (SRCR)
This register defines the source when this source is located on an Input Time Division Multiplex ITDMp:
When D channels are multiplexed, see S0/S1 definition and tables here after.
M1/0
: Data Rate of TDM0/8;
These two bits indicate the data rate of height Time Division Multiplexes TDM0/7 relative to
DIN0/7 and DOUT0/7. The table below shows the different data rates with the clock frequency
defined by HCL bit (General Configuration Register).
N.B. The data rate of the Time Division Multiplex relative to DIN8, CB and Echo pins are at
2048 Kbit/s or1536 Kbit/s depending on M1/0 only.
SW0
: Switching at 32 Kbit/s for the TDM0 (DIN0/DOUT0)
SW0=1, DIN0 can receive 64 channels at 32 Kbit/s.
DIN2/DOUT2 are not available.
DIN2 is used to receive internally TDM0 (DIN0) after 4 bit shifting
DOUT2 is used to multiplex internally TDM2 and TDM4.
SW0=0, DIN0 receives 32 (or 24) channels at 64 Kbit/s or 64 channels at 64 Kbit/s depending
on DR04 bit and ClockA/B.
SW1
: Switching at 32 Kbit/s for the TDM1 (DIN1/DOUT1)
SW1=1, DIN1 can receive 64 channels at 32 Kbit/s.
DIN3/DOUT3 are not available.
DIN3 is used to receive internally TDM1(DIN1) after 4 bit shifting
DOUT3 is used to multiplex internally TDM3 and TDM5.
SW1=0, DIN1 receives 32 (or 24) channels at 64 Kbit/s or 64 channels at 64 Kbit/s depending
on DR04 bit and ClockA/B.
CONTROL REGISTER (CTLR)
SOURCE REGISTER (SRCR)
bit15
bit8
bit7
bit0
SCR
PS
PRSA
S1
S0
OTSV LOOP
SI
IM2
IM1
IM0
ITS 4 ITS 3
ITS 2
ITS 1
ITS 0
After reset (0000)H
ITS 0/4 : Input time slot 0/4 define ITSx with: 0
≤ x ≤ 31;
IM0/2
: Input Time Division Multiplex 0/2 define ITDMp with: 0
≤ p ≤ 7.
M1 M0
Data Rate of TDM0/7 in Kbit/s
CLOCKA/B signal frequency
HCL=0
HCL=1
0
0
2048 (or 4096 in accordance with DR0x4)
4096 KHz
8192 KHz
0
1
1536 (or 3072 in accordance with DR0x4)
3072 KHz
6144KHz
1
0
Reserved
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com