Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 70Page - STMicroelectronics STLC5466 Datasheet HTML 71Page - STMicroelectronics STLC5466 Datasheet HTML 72Page - STMicroelectronics STLC5466 Datasheet HTML 73Page - STMicroelectronics STLC5466 Datasheet HTML 74Page - STMicroelectronics STLC5466 Datasheet HTML 75Page - STMicroelectronics STLC5466 Datasheet HTML 76Page - STMicroelectronics STLC5466 Datasheet HTML 77Page - STMicroelectronics STLC5466 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
STLC5466
74/130
VII.3.2 - Bits written by the Tx DMAC only
VII.3.3 - Transmit Buffer
Each transmit buffer is defined by its transmit descriptor.
The maximum size of the buffer is 2048 words (1 word=2 bytes)
BOF
: Beginning Of Frame
BOF=1,the transmit buffer associated to this transmit descriptor contains the beginning of frame.
The DMA Controller will store automatically the current descriptor address in the Initialization
Block.
BOF=0, the DMA Controller will not store the current descriptor address in the Initialization
Block.
EOF
: End Of Frame
EOF = 1,the transmit buffer associated to this transmit descriptor contains the end of frame.
EOF = 0,the transmit buffer associated to this transmit descriptor does not contain the end of
frame
EOQ
: End Of Queue
EOQ = 1, the DMAC stops immediately its transmission, generates an interrupt (HDLC = 1 in IR)
and waits a command from the HTCR (HDLC Transmit Command Register).
EOQ = 0, the DMAC continues.
CRCC : CRC Corrupted
CRCC = 1,at the end of this frame the CRC will be corrupted by the Tx HDLC Controller.
PRI
: Priority Class 8 or 10
PRI = 1, if CSMA/CR is validated for this channel, the priority class is 8.
PRI = 0, if CSMA/CR is validated for this channel the priority class is 10.
(see Register CSMA)
CFT
: Frame correctly transmitted
CFT = 1, the Frame has been correctly transmitted.
CFT = 0, the Frame has not been correctly transmitted.
ABT
: Frame Transmitting Aborted
ABT = 1, the frame has been aborted by the microprocessor during the transmission.
ABT = 0, the microprocessor has not aborted the frame during the transmission.
UND
: Underrun
UND = 1, the transmit FIFO has not been fed correctly during the transmission.
UND = 0, the transmit FIFO has been fed correctly during the transmission.
15
0
TBA
First Word to Transmit
TBA + x;
NBT is odd: x = NBT - 1
NBT is even: x = NBT - 2
Last Word to Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com