Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5466 Datasheet HTML 1Page - STMicroelectronics STLC5466 Datasheet HTML 2Page - STMicroelectronics STLC5466 Datasheet HTML 3Page - STMicroelectronics STLC5466 Datasheet HTML 4Page - STMicroelectronics STLC5466 Datasheet HTML 5Page - STMicroelectronics STLC5466 Datasheet HTML 6Page - STMicroelectronics STLC5466 Datasheet HTML 7Page - STMicroelectronics STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
1/130
STLC5466
November 1999
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PRELIMINARY DATA
64 CHANNEL-MULTI HDLC WITH
N X 64KB/S SWITCHING MATRIX ASSOCIATED
s
64 TX HDLCs with broadcasting capability and/
or CSMA/CR function with automatic restart in
case of Tx frame abort
s
64 RX HDLCs including Address
Recognition
s
16 Command/Indicate Channels (4 or 6-bit
primitive)
s
16 Monitor Channels processed in accordance
with GCI or V*
s
256 x 256 Switching Matrix without blocking
and with Time Slot Sequence Integrity and
loopback per bidirectional connection
s
DMA Controller for 64 Tx Channels and 64 Rx
Channels
s
HDLCs AND DMA CONTROLLER ARE
CAPABLE OF HANDLING A MIX OF
LAPD,LAPB, SS7, CAS AND
PROPRIETARY SIGNALLINGS
s
External shared memory access
between DMA Controller and Micro
processor
s
SINGLE MEMORY SHARED BETWEEN
n x MULTI-HDLCs AND SINGLE MICRO
PROCESSOR ALLOWS TO HANDLE n x 64
CHANNELS
s
Bus Arbitration
s
Interface for various 8,16 or 32 bit
Microprocessors with fetch memory
to accelerate the exchanges
between Microprocessor and
SHARED MEMORY
s
SDRAM Controller allows to inter
face up to 16 Megabytes of
Synchronous Dynamic RAM
s
Interrupt Controller to store
automatically events in shared memory
s
Boundary scan for test facility
s
TQFP176 package 24 x 24 x 1.40
#MS-026BGA
s
HCMOS6; 0.35 micron; 3.3volts +/-5%
s
Operating temperature: -40 to +85 °/C
DESCRIPTION
The STLC5466 is a Subscriber line interface card
controller for Central Office, Central Exchange, NT2
and PBX capable of handling:
s
16 U Interfaces or
s
2 Megabits line interface cards or
s
16 SLICs (Plain Old Telephone Service) or
s
Mixed analogue and digital Interfaces
(SLICs or U Interfaces) or
s
16 S Interfaces
s
Switching Network with centralized processing.
TQFP176
(Plastic Quad Flat Pack)
ORDERING NUMBER: STLC5466


Similar Part No. - STLC5466

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5460 STMICROELECTRONICS-STLC5460 Datasheet
377Kb / 54P
LINE CARD INTERFACE CONTROLLER
Feb-1997
STLC5464 STMICROELECTRONICS-STLC5464 Datasheet
731Kb / 83P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
May-1997
STLC5465B STMICROELECTRONICS-STLC5465B Datasheet
742Kb / 101P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
Nov-1999
More results

Similar Description - STLC5466

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5464 STMICROELECTRONICS-STLC5464 Datasheet
731Kb / 83P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
May-1997
STLC5465B STMICROELECTRONICS-STLC5465B Datasheet
742Kb / 101P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
Nov-1999
logo
LUMEX INC.
LCM-H12864GSF-H-Y LUMEX-LCM-H12864GSF-H-Y_17 Datasheet
139Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
LCM-H24064GSF LUMEX-LCM-H24064GSF_17 Datasheet
275Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-B LUMEX-LCM-H24064GSF-B Datasheet
128Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-B-W LUMEX-LCM-H24064GSF-B-W Datasheet
129Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-B-Y LUMEX-LCM-H24064GSF-B-Y Datasheet
178Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-H24064GSF-N LUMEX-LCM-H24064GSF-N Datasheet
240Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MDD
LCM-S12864GSF LUMEX-LCM-S12864GSF_17 Datasheet
110Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
LCM-S24064GSF LUMEX-LCM-S24064GSF_17 Datasheet
110Kb / 2P
240 X 64 DOT MATRIX GRAPHIC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com