Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 31Page - STMicroelectronics STLC5466 Datasheet HTML 32Page - STMicroelectronics STLC5466 Datasheet HTML 33Page - STMicroelectronics STLC5466 Datasheet HTML 34Page - STMicroelectronics STLC5466 Datasheet HTML 35Page - STMicroelectronics STLC5466 Datasheet HTML 36Page - STMicroelectronics STLC5466 Datasheet HTML 37Page - STMicroelectronics STLC5466 Datasheet HTML 38Page - STMicroelectronics STLC5466 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
35/130
STLC5466
N.B. If DOUT4 and DOUT5 are GCI Multiplexes: then ST(4)1 = ST(4)0 = 0 and ST(5)1 = ST(5)0 = 0 normally.
VI.7 - Switching Matrix Configuration Register
SMCR (0C)H
DEL(i); : DELAYED Multiplex(i) with (0
≤ i ≤ 7).
When IMTD = 0 (bit of SMCR), DEL = 0 is not taken into account by the circuit.
If TDM is at 2048 kb/s,1/2 bit-time is 244 ns
If TDM is at 4096 kb/s,1/2 bit-time is 122 ns
OMV (i) : Output Multiplex Validated 0/7
OMVi =1, condition to have DOUT(i) pin active (0
≤ i ≤ 7).
OMVi =0, DOUT(i) pin is High impedance continuously (0
≤ i ≤ 7).
bit15
bit8
bit7
bit0
SW1
SW0
M1
M0
DR64 DR44 DR24 DR04 AISD
ME
SGC
SAV
SGV
TS1
TS0
IMTD
After reset (0000)H
IMTD
: Increased Minimum Throughput Delay
When SI = 0 (bit of CMDR, variable delay mode):
IMTD = 1, the minimum delay through the matrix memory is three time slots whatever the se-
lected TDM output.
IMTD = 0, the minimum delay through the matrix memory is two time slots whatever the select-
ed TDM output. In this case the input TDM’s cannot be delayed versus the Frame Synchroni-
zation (use of IMCR is limited) and the output TDM’s cannot be advanced versus the Frame
Synchronization (use of OMCR is limited).
TS0
: Tristate 0
TS0 = 1, the DOUT0/3 and DOUT6/7 pins are tristate: “0” is at low impedance, “1” is at low
impedance and the third state is high impedance.
TS0 = 0, the DOUT0/3 and DOUT6/7 pins are open drain: “0” is at low impedance, “1” is at high
impedance.
TS1
: Tristate 1
TS1 = 1, the DOUT4/5 pins are tristate: “0” is at low impedance, “1” is at low impedance and
the third state is high impedance.
TS1 = 0, the DOUT4/5 pins are open drain: “0” is at low impedance, “1” is at high impedance.
SGV
: Pseudo Random Sequence Generator Validated
SGV = 1,PRS Generator is validated.The Pseudo Random Sequence is transmitted during the
related time slot(s).
SGV = 0, PRS Generator is reset.”0” are transmitted during the related time slot.
DEL (i)
ST (i) 1
ST (i) 0
STEP for each Output Multiplex 0/7 delayed or not
X
0
0
Each bit is transmitted on the rising edge of the double clock without
delay. Bit0 is defined by Frame synchronization Signal.
1
0
1
Each bit is transmitted with 1/2 bit-time delay.
1
1
0
Each bit is transmitted with 1 bit-time delay.
1
1
1
Each bit is transmitted with 2 bit-time delay
0
0
1
Each bit is transmitted with 1/2 bit-time advance.
0
1
0
Each bit is transmitted with 1 bit-time advance.
0
1
1
Each bit is transmitted with 2 bit-time advance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com