Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 9Page - STMicroelectronics STLC5466 Datasheet HTML 10Page - STMicroelectronics STLC5466 Datasheet HTML 11Page - STMicroelectronics STLC5466 Datasheet HTML 12Page - STMicroelectronics STLC5466 Datasheet HTML 13Page - STMicroelectronics STLC5466 Datasheet HTML 14Page - STMicroelectronics STLC5466 Datasheet HTML 15Page - STMicroelectronics STLC5466 Datasheet HTML 16Page - STMicroelectronics STLC5466 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
13/130
STLC5466
II - BLOCK DIAGRAM
The top level functionalities of Multi-HDLC appear
on the general block diagram.
There are:
– The switching matrix,
– The 2 time slot assigners,
– The 2 x 32 HDLC transmitters with associated
DMA controllers,
– The 2 x 32 HDLC receivers with associated
DMA controllers,
– The 16 Command/Indicate and Monitor Channel
transmitters belonging to the two General Com-
ponent Interfaces (GCI),
– The 16 Command/Indicate and Monitor Channel
receivers belonging to the two General Compo-
nent Interfaces (GCI),
– The Synchronous Dynamic Memory interface,
– The microprocessor interface including Write
FIFO and Fetch Memory,
– The bus arbitration,
– The clock selection and time synchronization
function,
– The interrupt controller,
– The watchdog
III - FUNCTIONAL DESCRIPTION
III.1 - The Switching Matrix N x 64 KBits/S
III.1.1 - Function Description
The matrix performs a non-blocking switch of 256
time slots from 8 Input Time Division Multiplex
(TDM) at 2 Mbit/s to 8 output Time Division Multi-
plex at 2 Mbit/s. A TDM at 2 Mbit/s consists of 32
Time Slots (TS) at 64 kbit/s. One Time Division
Multiplex at 4 Mbit/s can take place of two Time Di-
vision Multiplex at 2 Mbit/s. This TDM at 4 Mbit/s
is composed of 64 Time Slots (TS) at 64 kbit/s.
The matrix is designed to switch a 64 kbit/s chan-
nel (Variable delay mode) or an hyperchannel of
data (Sequence integrity mode). So, it will both
provide minimum throughput switching delay for
voice applications and time slot sequence integrity
for data applications on a per channel basis.
The requirements of the Sequence Integrity (n*64
kbit/s) mode are the following:
All the time slots of a given input frame must be put
out during a same output frame.
The time slots of an hyperchannel (concatenation
of TS in the same TDM) are not crossed together
at output in different frames.
In variable delay mode, the time slot is put out as
soon as possible. (The delay is two or three time
slots minimum between input and output).
For test facilities, any time slot of an Output TDM
(OTDM) can be internally looped back into the
same Input TDM number (ITDM) at the same time
slot number.
A Pseudo Random Sequence Generator and a
Pseudo Random Sequence Analyser are imple-
mented in the matrix. They allow the generation of
a sequence on a channel or on a hyperchannel, to
analyse it and verify its integrity after several
switching in the matrix or some passing of the se-
quence across different boards.
The Frame Signal (FS) synchronises ITDM and
OTDM but a programmable delay or advance can
be introduced separately on each ITDM and
OTDM (a half bit time, a bit time or two bit times).
An additional pin (PSS) permits the generation of
a programmable signal composed of 256 bits per
frame at a bit rate of 2048 kbit/s. The programma-
tion of this signal is performed thanks to PS bit of
Connection Memory.
An external pin (NDIS) asserts a high impedance
on all the TDM outputs of the matrix when active
(during the initialization of the board for example).
III.1.2 - Architecture of the Matrix
The matrix is essentially composed of buffer data
memories and a Connection Memory.
The received serial data is first converted to paral-
lel by a serial to parallel converter and stored con-
secutively in a 256 position Buffer Data Memory
(see Figure).
To satisfy the Sequence Integrity (n*64 kbit/s) re-
quirements, the data memory is built with an even
memory, an odd memory and an output memory.
Two consecutive frames are stored alternatively in
the odd and even memory. During the time an in-
put frame is stored, the one previously stored is
transferred into the output memory according to
the connection memory switching orders. A frame
later, the output memory is read and data is con-
verted to serial and transferred to the output TDM.
III.1.3 - Connection Function
Two types of connections are offered:
– unidirectional connection and
– bidirectional connection.
An unidirectional connection makes only the
switch of an input time slot through an output one
whereas a bidirectional connection establishes the
link in the other direction too. So a double connec-
tion can be achieved by a single command (see
Figure).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com