Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 72Page - STMicroelectronics STLC5466 Datasheet HTML 73Page - STMicroelectronics STLC5466 Datasheet HTML 74Page - STMicroelectronics STLC5466 Datasheet HTML 75Page - STMicroelectronics STLC5466 Datasheet HTML 76Page - STMicroelectronics STLC5466 Datasheet HTML 77Page - STMicroelectronics STLC5466 Datasheet HTML 78Page - STMicroelectronics STLC5466 Datasheet HTML 79Page - STMicroelectronics STLC5466 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 130 page
background image
STLC5466
76/130
VII.5 - Receive Command / Indicate Interrupt
VII.5.1 - Receive Command / Indicate Interrupt when TSV = 0
Time Stamping not validated (bit of GCR Register)
This word is located in the Command/Indicate interrupt queue; IQSR Register indicates the size of this
interrupt queue located in the external memory.
CFR
: Correctly Frame Received
CFR =1, a receive frame is ended with a correct CRC. The end of the frame is located in the last
descriptor if several Descriptors.
bit15
bit8
bit7
bit 0
NS
Nu
S1
S0=0
G0
A2
A1
A0
Nu
Nu
C6
C5
C4
C3
C2
C1
NS
Nu
S1
S0=1
G0
A2
A1
A0
Nu
Nu
A
E
S1
S2
S3
S4
NS
: New Status.
Before writing the features of event in the external memory the Interrupt Controller reads the NS
bit:
if NS = 0, the Interrupt Controller puts this bit at ‘1’ when it writes the new primitive which has
been received.
if NS = 1, the Interrupt Controller puts ICOV bit at ‘1’ to generate an interrupt (IR Register).
When the microprocessor has read the status word, it puts this bit at ‘0’ to acknowledge the new
status. This location becomes free for the Interrupt Controller.
G0
: G0 = 0, GCI 0 corresponding to DIN4 input and DOUT4 output.
G0 = 1, GCI 1 corresponding to DIN5 input and DOUT5 output.
A2/0
: COMMAND/INDICATE Channel 0 to 7 being owned by GCI 0 or GCI 1
S1/0
: Primitive or 6 bit word or AIS received
C6/1
: New Primitive received twice consecutively. Case of S0=S1=0
A, E,
S1/S4
6 bits received twice consecutively. Case of S0=1 S1=0.
S1
S0
G0
Word stored in shared memory
0
0
0
Primitive C1/6 received from GCI Multiplex 0 corresponding to DIN4
0
0
1
Primitive C1/6 received from GCI Multiplex 1 corresponding to DIN5
0
1
0
A, E, S1/S4 bits from any input timeslot switched to one timeslot 4n+3 of GCI Multiplex 0 with-
out outgoing to DOUT4
0
1
1
A, E, S1/S4 bits from any input timeslot switched to one timeslot 4n+3 of GCI 1 without outgo-
ing to DOUT5
1
0
0
AIS detected during more 30 ms from any input timeslot and switched to B1, B2 channels (16
bits) of the GCI Multiplex 0 (DOUT4) in transparent mode or not
1
0
1
AIS detected during more 30 ms from any input timeslot and switched to B1, B2 channels (16
bits) of the GCI Multiplex 1 (DOUT5) in transparent mode or not.
1
1
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com