Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 7Page - STMicroelectronics STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics STLC5466 Datasheet HTML 10Page - STMicroelectronics STLC5466 Datasheet HTML 11Page - STMicroelectronics STLC5466 Datasheet HTML 12Page - STMicroelectronics STLC5466 Datasheet HTML 13Page - STMicroelectronics STLC5466 Datasheet HTML 14Page - STMicroelectronics STLC5466 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
11/130
STLC5466
112
D11
I/O6_ft
Data bit 11 for
µP if not multiplexed
113
D12
I/O6_ft
Data bit 12 for
µP if not multiplexed
114
D13
I/O6_ft
Data bit 13 for
µP if not multiplexed
115
D14
I/O6_ft
Data bit 14 for
µP if not multiplexed
116
D15
I/O6_ft
Data bit 15 for
µP if not multiplexed
MEMORY INTERFACE
119
TRI
I3_ft
Token Ring Input (for use
Multi-HDLCs in cascade)
120
TRO
O4_fnt
Token Ring Output (for use
Multi-HDLCs in cascade)
121
NWE
O8T_fnt Write Enable for SDRAM
122
NRAS
O8T_fnt Row Address Strobe for SDRAM
123
NCE0
O8T_fnt Chip Select 0 for SDRAM
124
LDQM
O8T_fnt Lower Data inputs/outputs mask enable for SDRAM
125
NCE1
O8T_fnt Chip Select 1 for SDRAM
126
UDQM
O8T_fnt Upper Data inputs/outputs mask enable for SDRAM
127
NCE2/
ADM12
O8T_fnt Chip Select 2 for SDRAM/
Address bit 12 for 8Mx8 SDRAM circuit
129
NCE3/ADM13
O8T_fnt Chip Select 3 for SDRAM/Address bit 13 for 8Mx8 SDRAM circuit
137
ADM0
O8T_fnt Address bit 0 for SDRAM
138
ADM1
O8T_fnt Address bit 1 for SDRAM
139
ADM2
O8T_fnt Address bit 2 for SDRAM
140
ADM3
O8T_fnt Address bit 3 for SDRAM
141
ADM4
O8T_fnt Address bit 4 for SDRAM
142
ADM5
O8T_fnt Address bit 5 for SDRAM
143
ADM6
O8T_fnt Address bit 6 for SDRAM
144
ADM7
O8T_fnt Address bit 7 for SDRAM
145
ADM8
O8T_fnt Address bit 8 for SDRAM
146
ADM9
O8T_fnt Address bit 9 for SDRAM
149
ADM10
O8T_fnt Address bit 10 for SDRAM
150
ADM11
O8T_fnt Address bit 11 for SDRAM
151
NCAS
O8T_fnt Column Address Strobe for SDRAM
152
SCANM
I5_ft
Scan mode reserved for device test
154
DM0
I/O8_fnt SDRAM Data bit 0
155
DM1
I/O8_fnt SDRAM Data bit 1
156
DM2
I/O8_fnt SDRAM Data bit 2
157
DM3
I/O8_fnt SDRAM Data bit 3
158
DM4
I/O8_fnt SDRAM Data bit 4
161
DM5
I/O8_fnt SDRAM Data bit 5
Pin N°
Symbol
Type
Function
Type
ft: five volts tolerant
fnt: five volts not tolerant
TTL
I1_ft = Input TTL
I2_ft = I1_ft+pull up
I3_ft = I1_ft+hysteresis
I4_ft = I3_ft+pull up
TTL
I/O6 _ft = Input TTL/ Output TTL 6 mA
I5_ft = I3_ft+pull down;
TTL
O3 _ft = Output TTL 3 mA
O3T_ft = O3_ft+Tristate
O6_ft = Output TTL 6mA
TTL
O6D_ft = Output TTL 6mA, Open Drain
O6DT_ft = Output TTL 6mA, Open Drain or Tristate
CMOS
I/O8_fnt = Input TTL, /Output CMOS 8mA;
O8T_fnt = Output CMOS
8mA
I/O8_fnt = Input TTL, /Output CMOS
8mA
CMOS
O4_fnt = Output CMOS 4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com