Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 49Page - STMicroelectronics STLC5466 Datasheet HTML 50Page - STMicroelectronics STLC5466 Datasheet HTML 51Page - STMicroelectronics STLC5466 Datasheet HTML 52Page - STMicroelectronics STLC5466 Datasheet HTML 53Page - STMicroelectronics STLC5466 Datasheet HTML 54Page - STMicroelectronics STLC5466 Datasheet HTML 55Page - STMicroelectronics STLC5466 Datasheet HTML 56Page - STMicroelectronics STLC5466 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
53/130
STLC5466
The New Primitive is taken into account by the transmitter after writing bits 8 to 15 (if 8bit microprocessor).
Transmit Command/Indicate Register (after reading)
When this register is read by the microprocessor, these different bits mean:
VI.23 - Transmit Monitor Address Register
TMAR (2C)H
When this register is written by the microprocessor, these different bits mean:
bit15
bit8
bit7
bit0
D=0
G0
CA2
CA1
CA0
READ
Nu
Nu
PT1
PT0
C6
C5
C4
C3
C2
C1
D=1
G0
CA2
CA1
CA0
READ
Nu
Nu
PT1
PT0
A
E
S1
S2
S3
S4
READ
: READ C/I MEMORY
READ = 1, READ C/I MEMORY.
READ = 0, WRITE C/I MEMORY.
CA 0/2 : TRANSMIT C/I ADDRESS
CA0/2: These bits define one of eight Command/Indicate Channels.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, TDM4 is selected.
G0 = 1, TDM5 is selected.
D
: Destination. This bit defines the destination of bits 0 to 5.
D=0: the destination is a GCI channel defined by G0 and CA0/2.
D=1:the destination is any TDM (after switching).
C6/1
: Last Primitive transmitted. Case of D=0
A, E,
S1 to S4
: 6 bit word transmitted. Case of D=1.
PT0/1
: Status bits
bit15
bit8
bit7
bit0
0
G0
MA2
MA1
MA0 READ
Nu
Nu
Nu
Nu
TIV
FABT
L
NOB
0
Nu
After reset (000F)H
READ
: READ MON MEMORY
READ=1, READ MON MEMORY.
READ=0, WRITE MON MEMORY.
MA 0/2 : TRANSMIT MONITOR ADDRESS
MA 0/2:These bits define one of eight Monitor Channel if validated.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, TDM4 is selected.
G0 = 1, TDM5 is selected.
NOB
: NUMBER OF BYTE to be transmitted
NOB = 1, One byte to transmit.
NOB = 0, Two bytes to transmit.
P1
P0
Primitive Status
0
0
Primitive has not been transmitted yet.
0
1
Primitive has been transmitted once.
1
0
Primitive has been transmitted twice.
1
1
Primitive has been transmitted three times or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com