Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 37Page - STMicroelectronics STLC5466 Datasheet HTML 38Page - STMicroelectronics STLC5466 Datasheet HTML 39Page - STMicroelectronics STLC5466 Datasheet HTML 40Page - STMicroelectronics STLC5466 Datasheet HTML 41Page - STMicroelectronics STLC5466 Datasheet HTML 42Page - STMicroelectronics STLC5466 Datasheet HTML 43Page - STMicroelectronics STLC5466 Datasheet HTML 44Page - STMicroelectronics STLC5466 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
41/130
STLC5466
VI.9 - Connection Memory Address Register
CMAR (10)H
This 16 bit register is constituted by two registers: DESTINATION REGISTER (DSTR) and ACCESS
MODE REGISTER (AMR) respectively 8 bits and 6 bits.
DESTINATION REGISTER (DSTR)
Only when DSTR is written by the microprocessor, a memory access is launched.
DSTR has two use modes depending on CM (bit of CMAR).
CM = 1, access to connection memory (read or write);
When CM = 1, OTS 0/4 and OM 0/2 bits are defined hereafter:
See table hereafter when DR04, DR24, DR44 and/or DR64 are at “1”; these bits of SMCR define the TDMs
at 4 Mbit/s.
PS
: Programmable Synchronization
If PS = 1, Programmable Synchronization Signal Pin is at “1” during the bit time defined by OTSy
and OTDMq.
For OTSy and OTDMq with y = q = 0, PSS pin is at “1” during the first bit of the frame defined by
the Frame synchronization Signal (FS).
If PS = 0, PSS Pin is at “0” during the bit time defined by OTSy and OTDMq.
SCR : Scrambler/ Descrambler
SCR=1, the scrambler or the descrambler are enabled. Both of them are located after the switch-
ing matrix.
The scrambler is enabled when the output timeslot defined by the destination register (DSTR) is
an output timeslot belonging to any TDM except the two GCI multiplexes; the contents of this out-
put timeslot will be scrambled in accordance with the IUT-T V.29 Rec.
The descrambler is enabled when the output timeslot defined by the destination register (DSTR)
is an output timeslot belonging to the two GCI multiplexes except any TDM; the contents of this
output timeslot is descrambled in accordance with the IUT-T V.29 Rec.
Only 32 timeslots of 256 can be scrambled or/and descrambled:
GCI side, only B1 and B2 can be selected in each GCI channel (16 GCI channels are available:
8 per GCI multiplex).
*TDM side, it is forbidden to select a given timeslot more than once when several TDMs are se-
lected.
SCR=0, the scrambler or the descrambler are disabled; the contents of output timeslots are not
modified.
ACCESS MODE REGISTER (AMR)
DESTINATION REGISTER (DSTR)
bit15
bit8
bit7
bit0
Nu
Nu
TC
CACL CAC
BID
CM
READ OM2
OM1
OM0
OTS4 OTS3 OTS2 OTS1 OTS0
After reset (0800)H
OTS 0/4 : Output time slot 0/4 define OTSy with: 0
≤ y ≤ 31;
OM0/2
: Output Time Division Multiplex 0/2 define OTDMq with: 0
≤ q ≤ 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com