Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 34Page - STMicroelectronics STLC5466 Datasheet HTML 35Page - STMicroelectronics STLC5466 Datasheet HTML 36Page - STMicroelectronics STLC5466 Datasheet HTML 37Page - STMicroelectronics STLC5466 Datasheet HTML 38Page - STMicroelectronics STLC5466 Datasheet HTML 39Page - STMicroelectronics STLC5466 Datasheet HTML 40Page - STMicroelectronics STLC5466 Datasheet HTML 41Page - STMicroelectronics STLC5466 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 130 page
background image
STLC5466
38/130
CONTROL REGISTER (CTLR) defines each Output Time Slot OTSy of each Output Time Division Multi-
plex OTDMq:
SI
: SEQUENCE INTEGRITY
SI = 1, the delay is always: (31 - ITSx) + 32 + OTSy (constant delay).
SI = 0, the delay is minimum to pass through the data memory (variable delay).
LOOP: LOOPBACK per channel relevant if two connections has been established (bidirectional or not).
LOOP = 1, OTSy, OTDMq is taken into account instead of ITSy, ITDMq.
OTSV = 1, transparent Mode LOOPBACK.
OTSV = 0, not Transparent Mode LOOPBACK.
OTSV : OUTPUT TIME SLOT VALIDATED
OTSV = 1, OTSy OTDMq is enabled.
OTSV = 0, OTSy OTDMq is High impedance.
(OTSy: Output Time slot with 0
≤ y ≤ 31; OTDMq: Output Time Division Multiplex with 0 ≤ q ≤ 7).
S1/S0 : Source
S1
S0
Source for each timeslot of DOUT0/7
0
0
Data Memory (Normal case)
0
1
Connection Memory
1
0
D channels from/to GCI multiplexes (See note and table hereafter)
1
1
Pseudo Random Sequence Generator delivers sequences.
Hyperchannel at n x 64 Kb/s is possible.
Note:
• Connection
When the source of D channels is selected (GCI channels defined by ITS 1/0) and when the
destination is selected (Output timeslot defined by OTS 0/4; output TDM defined by OM 0/2) the
upstream connection is set up; the downstream connection (reverse direction TDM to GCI) is
set up automatically if ITS 2 bit is at 1. So BID, bit of CMAR must be written at”0”.
•Release
Remember: write S1=1, S0=0 and ITS 2 bit = 0 to release the downstream connection; the up-
stream connection is released when the source changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com