Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 64Page - STMicroelectronics STLC5466 Datasheet HTML 65Page - STMicroelectronics STLC5466 Datasheet HTML 66Page - STMicroelectronics STLC5466 Datasheet HTML 67Page - STMicroelectronics STLC5466 Datasheet HTML 68Page - STMicroelectronics STLC5466 Datasheet HTML 69Page - STMicroelectronics STLC5466 Datasheet HTML 70Page - STMicroelectronics STLC5466 Datasheet HTML 71Page - STMicroelectronics STLC5466 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 130 page
background image
STLC5466
68/130
VI.41 - Fill Character Register 2
FCR2 (60)H
VI.42 - SDRAM Mode Register
SDRAMR (72)H
When the microprocessor writes in this SDRAM Mode register, the SDRAM controller initializes the
SDRAM if the NINIT bit of GCR2 is at 0.
When the microprocessor reads this register, the SDRAM controller is not affected.
Some parameters are frozen:
The option field is: Burst Read and Single Write.
The Burst Length is 4.
The burst data is addressed in sequential mode
The programmable parameters are:
The 12-bit word sent by the Multi-HDLC to initialize the SDRAM is:
For information:
bit15
bit8
bit7
bit0
r
e
s
e
r
v
e
d
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
After reset (0000)H
FC0/7
: FILL CHARACTER (eight bits)
In Transparent Mode M1, two messages are separated by FILL CHARACTERS and the de-
tection of one FILL CHARACTER marks the end of a message.
bit15
bit8
bit7
bit5
bit4
bit0
T
S
R
Nu
NuNuNuNuNuNu
LT1
LT0
NuNuNuNu
After reset (0030)H
LT0/1 :
Latency Mode
Three configurations are possible: NCAS Latency can be 1, 2 or 3)
bit15
bit11
bit8
bit7
bit5
bit4
bit0
Nu
Nu
Nu
Nu
0
0
1
0
0
LT2
LT1
LT0
WT
BL2
BL1
BL0
Nu
Nu
Nu
Nu
0
0
1
0
0
0
LT1
LT0
0
0
1
0
Option field: Burst Read and Single Write
Latency mode
Wrap type
Burst Length
x
x
1
0
0
LT2
LT1
LT0
WT
BL2
BL1
BL0
tt
LT1
LT0
NCAS Latency
0
0
Not allowed
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com