Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 11Page - STMicroelectronics STLC5466 Datasheet HTML 12Page - STMicroelectronics STLC5466 Datasheet HTML 13Page - STMicroelectronics STLC5466 Datasheet HTML 14Page - STMicroelectronics STLC5466 Datasheet HTML 15Page - STMicroelectronics STLC5466 Datasheet HTML 16Page - STMicroelectronics STLC5466 Datasheet HTML 17Page - STMicroelectronics STLC5466 Datasheet HTML 18Page - STMicroelectronics STLC5466 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 130 page
background image
15/130
STLC5466
III.1.4 - Loop Back Function
Any time slot of an Output TDM can be internally
looped back on the time slot which has the same
TDM number and the same TS number
(OTDMi, TSj) ----> (ITDMi, TSj).
In the case of a bidirectional connection, only the
one specified by the microprocessor is concerned
by the loop back (see Figure).
III.1.5 - Delay through the Matrix
III.1.5.1 - Variable Delay Mode
In the variable delay mode, the delay through the
matrix depends on the relative positions of the in-
put and output time slots in the frame.
So, some limits are fixed:
– the maximum delay is a frame + 2 time slots,
– the minimum delay is programmable.
Three time slots if IMTD = 1, in this case n = 2 in
the formula hereafter or
two time slots if IMTD = 0, in this case n = 1 in
the same formula (see Paragraph “Switching
Matrix Configuration Register SMCR (0C)H”).
All the possibilities can be ranked in three cases:
a) If OTSy > ITSx + n then the variable delay is:
OTSy - ITSx Time slots
b) If ITSx < OTSy < ITSx+n then the variable delay
is:
OTSy - ITSx + 32 Time slots
c) OTSy < ITSx then the variable delay is:
32 - (ITSx - OTSy) Time slots.
N.B. Rule b) and rule c) are identical.
For n = 1 and n = 2, (see Figure).
III.1.5.2 - Sequence Integrity Mode
In the sequence integrity mode (SI = 1, bit located
in the Connection Memory), the input time slots
are put out 2 frames later (see Figure). In this
case, the delay is defined by a single expression:
Constant Delay = (32 - ITSx) + 32 + OTSy
So, the delay in sequence integrity mode varies
from 33 to 95 time slots.
III.1.6 - Connection Memory
III.1.6.1 - Description
The connection memory is composed of 256 loca-
tions addressed by the number of OTDM and TS
(8x32).
Each location permits:
– to connect each input time slot to one output
time slot (If two or more output time slots are
connected to the same input time slot number,
there is broadcasting).
– to select the variable delay mode or the se-
quence integrity mode for any time slot.
– to loop back an output time slot. In this case the
contents of an input time slot (ITSx, ITDMp) is
the same as the output time slot (OTSx, OT-
DMp).
– to output the contents of the corresponding con-
nection memory instead of the data which has
been stored in data memory.
– to output the sequence of the pseudo random
sequence generator on an output time slot: a
pseudo random sequence can be inserted in
one or several time slots (hyperchannel) of the
same Output TDM; this insertion must be ena-
bled by the microprocessor in the configuration
register of the matrix.
– to define the source of a sequence by the pseu-
do random sequence analyser: a pseudo ran-
dom sequence can be extracted from one or
several time slots (hyperchannel) of the same
Input TDM and routed to the analyser; this ex-
traction can be enabled by the microprocessor
in the configuration register of the matrix (SM-
CR).
– to assert a high impedance level on an output
time slot (disconnection).
– to deliver a programmable 256-bit sequence
during 125 microseconds on the Programmable
synchronization Signal pin (PSS).
III.1.6.2 - Access to Connection Memory
Supposing that the Switching Matrix Configuration
Register (SMCR) has been already written by the
microprocessor, it is possible to access to the con-
nection memory from microprocessor with the
help of two registers:
– Connection Memory Data Register (CMDR) and
– Connection Memory Address Register (CMAR).
III.1.6.3 - Access to Data Memory
To extract the contents of the data memory it is
possible to read the data memory from microproc-
essor with the help of the two registers:
– Connection Memory Data Register (CMDR) and
– Connection Memory Address Register (CMAR).
III.1.7 - Switching at 32 Kbit/s
Four TDMs can be programmed individually to
carry 64 channels at 32 Kbit/s (only if these TDMs
are at 2 Mbit/s).
Two bits (SW0/1) located in SMCR define the type
of channels of two couples of TDMs.
SW0 defines TDM0 and TDM4 (GCI0) and SW1
defines TDM1 and TDM5 (GCI1).
If TDM0 or/and TDM1 carry 64 channels at 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com