Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 6Page - STMicroelectronics STLC5466 Datasheet HTML 7Page - STMicroelectronics STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics STLC5466 Datasheet HTML 10Page - STMicroelectronics STLC5466 Datasheet HTML 11Page - STMicroelectronics STLC5466 Datasheet HTML 12Page - STMicroelectronics STLC5466 Datasheet HTML 13Page - STMicroelectronics STLC5466 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
STLC5466
10/130
63
NDS/
NRD/CLKOUT
I3_ft
Data Strobe (Motorola) External resistor at Vss if 68000/
Read Data (Intel)/CLKOUT if 386EX
69
A0/AD0
I/O6_ft
Address bit 0 (Motorola) / Address/Data bit 0 (Intel)
70
A1/AD1
I/O6_ft
Address bit 1 (Motorola) / Address/Data bit 1 (Intel)
71
A2/AD2
I/O6_ft
Address bit 2 (Motorola) / Address/Data bit 2 (Intel)
72
A3/AD3
I/O6_ft
Address bit 3 (Motorola) / Address/Data bit 3 (Intel)
73
A4/AD4
I/O6_ft
Address bit 4 (Motorola) / Address/Data bit 4 (Intel)
74
A5/AD5
I/O6_ft
Address bit 5 (Motorola) / Address/Data bit 5 (Intel)
75
A6/AD6
I/O6_ft
Address bit 6 (Motorola) / Address/Data bit 6 (Intel)
76
A7/AD7
I/O6_ft
Address bit 7 (Motorola) / Address/Data bit 7 (Intel)
77
A8/AD8
I/O6_ft
Address bit 8 (Motorola) / Address/Data bit 8 (Intel)
78
A9/AD9
I/O6_ft
Address bit 9 (Motorola) / Address/Data bit 9 (Intel)
81
A10/AD10
I/O6_ft
Address bit 10 (Motorola) / Address/Data bit 10 (Intel)
82
A11/AD11
I/O6_ft
Address bit 11 (Motorola) / Address/Data bit 11 (Intel)
83
A12/AD12
I/O6_ft
Address bit 12 (Motorola) / Address/Data bit 12 (Intel)
84
A13/AD13
I/O6_ft
Address bit 13 (Motorola) / Address/Data bit 13 (Intel)
85
A14/AD14
I/O6_ft
Address bit14 (Motorola) / Address/Data bit 14 (Intel)
86
A15/AD15
I/O6_ft
Address bit15 (Motorola) / Address/Data bit 15 (Intel)
91
A16
I1_ft
Address bit16 from
µP
92
A17
I1_ft
Address bit17 from
µP
93
A18
I1_ft
Address bit18 from
µP
94
A19
I1_ft
Address bit19 from
µP
95
A20
I1_ft
Address bit 20 from
µP
96
A21
I1_ft
Address bit 21 from
µP
97
A22
I1_ft
Address bit 22 from
µP
98
A23
I1_ft
Address bit 23 from
µP
101
DO
I/O6_ft
Data bit 0 for
µP if not multiplexed (see Note 1).
102
D1
I/O6_ft
Data bit 1 for
µP if not multiplexed
103
D2
I/O6_ft
Data bit 2 for
µP if not multiplexed
104
D3
I/O6_ft
Data bit 3 for
µP if not multiplexed
105
D4
I/O6_ft
Data bit 4 for
µP if not multiplexed
106
D5
I/O6_ft
Data bit 5 for
µP if not multiplexed
107
D6
I/O6_ft
Data bit 6 for
µP if not multiplexed
108
D7
I/O6_ft
Data bit 7 for
µP if not multiplexed
109
D8
I/O6_ft
Data bit 8 for
µP if not multiplexed
110
D9
I/O6_ft
Data bit 9 for
µP if not multiplexed
111
D10
I/O6_ft
Data bit 10 for
µP if not multiplexed
Pin N°
Symbol
Type
Function
Type
ft: five volts tolerant
fnt: five volts not tolerant
TTL
I1_ft = Input TTL
I2_ft = I1_ft+pull up
I3_ft = I1_ft+hysteresis
I4_ft = I3_ft+pull up
TTL
I/O6 _ft = Input TTL/ Output TTL 6 mA
I5_ft = I3_ft+pull down;
TTL
O3 _ft = Output TTL 3 mA
O3T_ft = O3_ft+Tristate
O6_ft = Output TTL 6mA
TTL
O6D_ft = Output TTL 6mA, Open Drain
O6DT_ft = Output TTL 6mA, Open Drain or Tristate
CMOS
I/O8_fnt = Input TTL, /Output CMOS 8mA;
O8T_fnt = Output CMOS
8mA
I/O8_fnt = Input TTL, /Output CMOS
8mA
CMOS
O4_fnt = Output CMOS 4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com