Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 43Page - STMicroelectronics STLC5466 Datasheet HTML 44Page - STMicroelectronics STLC5466 Datasheet HTML 45Page - STMicroelectronics STLC5466 Datasheet HTML 46Page - STMicroelectronics STLC5466 Datasheet HTML 47Page - STMicroelectronics STLC5466 Datasheet HTML 48Page - STMicroelectronics STLC5466 Datasheet HTML 49Page - STMicroelectronics STLC5466 Datasheet HTML 50Page - STMicroelectronics STLC5466 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
47/130
STLC5466
C1/C0 : STATUS BITS
P0/1
: PROTOCOL BITS
F: Flag
F = 1; flags are transmitted between closing flag of current frame and opening flag of next frame.
F = 0; “1” are transmitted between closing flag of current frame and opening flag of next frame.
NCRC : CRC NOT TRANSMITTED
NCRC = 1, the CRC is not transmitted at the end of the frame.
NCRC = 0, the CRC is transmitted at the end of the frame.
CSMA : Carrier Sense Multiple Access with Contention Resolution
CSMA = 1, CB1 output and the Echo Bit are taken into account during this channel transmission
by the TxHDLC.
CSMA = 0, CB output and the Echo Bit are defined by V11, bit of Time slot Assigner Data Reg-
ister TADR1 (16)H.
PEN
: CSMA PENALTY significant if CSMA = 1
PEN = 1, the penalty value is 1; a transmitter which has transmitted a frame correctly will count
(PRI +1) logic one received from Echo pin before transmitting next frame. (PRI, priority class 8
or 10 given by the buffer descriptor related to the frame.
PEN = 0, the penalty value is 2; a transmitter which has transmitted a frame correctly will count
(PRI +2) logic one received from Echo pin before transmitting next frame. (PRI, priority class 8
or 10 given by the transmit descriptor related to the frame).
CF
: Common flag
CF = 1, the closing flag of previous frame and opening flag of next frame are identical if the next
frame is ready to be transmitted.
CF = 0, the closing flag of previous frame and opening flag of next frame are distinct.
C1
C0
STATUS BITS read by the microprocessor
0
0
ABORT; the microprocessor has written ABORT or the transmitted frame has been aborted
by the HDLC Controller and it waits new command such as START or CONTINUE.
0
1
START; the microprocessor has written START.The HDLC Controller has not taken into ac-
count the command yet.
1
0
CONTINUE; the HDLC Controller has taken into account the command START.
TX DMA Controller is transferring frames.
1
1
CONTINUE; Tx DMA Controller is now going to transfer next frame from buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already transmitted.
P1
P0
Transmission Mode
00
HDLC
0
1
Transparent Mode 1 (one byte per timeslot); the fill character defined in FCR Register is taken
into account.
1
0
Transparent Mode 2 (one byte per timeslot); the fill character defined in FCR Register is not
taken into account.
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com