Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 36Page - STMicroelectronics STLC5466 Datasheet HTML 37Page - STMicroelectronics STLC5466 Datasheet HTML 38Page - STMicroelectronics STLC5466 Datasheet HTML 39Page - STMicroelectronics STLC5466 Datasheet HTML 40Page - STMicroelectronics STLC5466 Datasheet HTML 41Page - STMicroelectronics STLC5466 Datasheet HTML 42Page - STMicroelectronics STLC5466 Datasheet HTML 43Page - STMicroelectronics STLC5466 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 130 page
background image
STLC5466
40/130
Table: switching at 16 Kb/s when ITS3=1
S1
S0
ITS3 ITS2 ITSI ITS 0 Upstream
Source: D channels of one GCI
channel
Destination: two bits of one TDM
Downstream
Source: two bits of one TDM
Destination: D channels of one
GCI channel
10
1
1
00
The contents of D channels of
GCI 0 /3 of multiplex DIN4 are
transferred into the output times-
lot of one TDM defined by the
destination register (CMAR).
D channel of GCI 0 in bit 7/8
D channel of GCI 1 in bit 5/6
D channel of GCI 2 in bit 3/4
D channel of GCI 3 in bit 1/2
The contents of the input times
lot
(same
number
as
the
number of the output timeslot) is
transferred in D channel of GCI
0/3 of multiplex DOUT4
bit 7/8 in D channel of GCI 0
bit 5/6 in D channel of GCI 1
bit 3/4 in D channel of GCI 2
bit 1/2 in D channel of GCI 3
01
The contents of D channels of
GCI 4/7 of multiplex DIN4 are
transferred into the output times-
lot of one TDM defined by the
destination register (CMAR).
D channel of GCI 4 in bit 7/8
D channel of GCI 5 in bit 5/6
D channel of GCI 6 in bit 3/4
D channel of GCI 7 in bit 1/2
The contents of the input times
lot
(same
number
as
the
number of the output timeslot) is
transferred in D channel of GCI
4/7 of multiplex DOUT4.
bit 7/8 in D channel of GCI 4
bit 5/6 in D channel of GCI 5
bit 3/4 in D channel of GCI 6
bit 1/2 in D channel of GCI 7
10
The contents of D channels of
GCI 0 /3 of multiplex DIN5 are
transferred into the output times-
lot of one TDM defined by the
destination register (CMAR).
D channel of GCI 0 in bit 7/8
D channel of GCI 1 in bit 5/6
D channel of GCI 2 in bit 3/4
D channel of GCI 3 in bit 1/2
The contents of the input times
lot (same number as the
number of the output timeslot)
is transferred in D channel of
GCI 0/3 of multiplex DOUT5.
bit 7/8 in D channel of GCI 0
bit 5/6 in D channel of GCI 1
bit 3/4 in D channel of GCI 2
bit 1/2 in D channel of GCI 3
11
The contents of D channels of
GCI 4/7 of multiplex DIN5 are
transferred into the output times-
lot of one TDM defined by the
destination register (CMAR).
D channel of GCI 4 in bit 7/8
D channel of GCI 5 in bit 5/6
D channel of GCI 6 in bit 3/4
D channel of GCI 7 in bit 1/2
The contents of the input times-
lot
(same
number
as
the
number of the output timeslot) is
transferred in D channel of GCI
4/7 of multiplex DOUT5.
bit 7/8 in D channel of GCI 4
bit 5/6 in D channel of GCI 5
bit 3/4 in D channel of GCI 6
bit 1/2 in D channel of GCI 7
PRSA :S Pseudo Random Sequence analyser
If PRSA = 1, PRS analyser is enabled during OTSy OTDMq and receives data:
S0 = 0, data comes from Data Memory.
S0 = 1 AND S1 = 1, Data comes from PRS Generator (Test Mode).
If PRSA = 0, PRS analyser is disabled during OTSy OTDMq.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com