Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 71Page - STMicroelectronics STLC5466 Datasheet HTML 72Page - STMicroelectronics STLC5466 Datasheet HTML 73Page - STMicroelectronics STLC5466 Datasheet HTML 74Page - STMicroelectronics STLC5466 Datasheet HTML 75Page - STMicroelectronics STLC5466 Datasheet HTML 76Page - STMicroelectronics STLC5466 Datasheet HTML 77Page - STMicroelectronics STLC5466 Datasheet HTML 78Page - STMicroelectronics STLC5466 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
75/130
STLC5466
VII.4 - Receive & Transmit HDLC Frame Interrupt
This word is located in the HDLC interrupt queue; IQSR Register indicates the size of this HDLC interrupt
queue located in the external memory.
Transmitter
Receiver
bit15
bit8
bit7
bit 0
NS
A5
Tx
A4
A3
A2
A1
A0
0
0
0
CFT/CFR
BE/BF
HALT
EOQ
RRLF/ERF
NS
: New Status.
Before writing the features of event in the external memory the Interrupt Controller reads the NS
bit:
if NS = 0, the Interrupt Controller puts this bit at ‘1’ when it writes the status word of the frame
which has been transmitted or received.
if NS = 1, the Interrupt Controller puts ICOV bit at ‘1’ to generate an interrupt (IR Register).
When the microprocessor has read the status word, it puts this bit at ‘0’ to acknowledge the new
status. This location becomes free for the Interrupt Controller.
A5
: 32 HDLC controller
A5 = 1, Second 32 HDLC controller (connected to Dout6/ Din6 of the switching matrix).
A5 = 0, First 32 HDLC controller (connected to Dout7/ Din7 of the switching matrix).
Tx
: Tx = 1, Transmitter
A4/0
: Tx HDLC Channel 0 to 31
RRLF : Ready to Repeat Last Frame
In consequence of event such as Abort Command HDLC, Controller is waiting Start or Continue
EOQ
: End of Queue
The Transmit DMA Controller has encountered the current Transmit Descriptor with EOQ at “1”.
DMA Controller is waiting “Continue” from microprocessor.
HALT : The Transmit DMA Controller has received HALT from the microprocessor; it is waiting “Contin-
ue” from microprocessor.
BE
: Buffer empty
If BINT bit of Transmit Descriptor is at ‘1’, the Transmit DMA Controller puts BE at “1” when the
buffer has been emptied.
CFT
: Correctly Frame Transmitted
A frame has been transmitted. This status is provided only if BINT bit of Transmit Descriptor is
at ‘1’. CFT is located in the last descriptor if several descriptors are used to define a frame.
Tx
: Tx = 0, Receiver
A4/0
: Rx HDLC Channel 0 to 31
ERF
: Error detected on Received Frame
An error such as CRC not correct, Abort, Overflow has been detected.
EOQ
: End of Queue
The Receive DMA Controller has encountered the current receive Descriptor with EOQ at “1”.
DMA Controller is waiting “Continue” from microprocessor.
HALT : The Receive DMA Controller has received HALT or ABORT (on the outside of frame) from the
microprocessor; it is waiting “Continue” or “Start” from the microprocessor.
BF
: Buffer Filled
If IBC bit of Receiver Descriptor is at ‘1’, the Receive DMA Controller puts BF at”1” when it has
filled the current buffer with data from the received frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com