Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 53Page - STMicroelectronics STLC5466 Datasheet HTML 54Page - STMicroelectronics STLC5466 Datasheet HTML 55Page - STMicroelectronics STLC5466 Datasheet HTML 56Page - STMicroelectronics STLC5466 Datasheet HTML 57Page - STMicroelectronics STLC5466 Datasheet HTML 58Page - STMicroelectronics STLC5466 Datasheet HTML 59Page - STMicroelectronics STLC5466 Datasheet HTML 60Page - STMicroelectronics STLC5466 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 130 page
background image
57/130
STLC5466
VI.29 - Interrupt Register
IR (38)H
This register is read only.
When this register is read by the microprocessor, this register is reset (0000)Η.
If not masked, each bit at “1” generates “1” on INT0 pin.
Bit 0 and bit 5 to 10 are common to 64 HDLC controllers.
HS0/2 : HDLC Interrupt Queue Size
These three bits define the size of HDLC status Interrupt Queue in external memory for each
channel.
The location is IBA+256 (see The Initiate Block Address (IBA))
TBFS : Time Base running with Frame Synchronisation signal
TBFS=1, the Time Base defined by the Timer Register (see page 84) is running on the rising
edge of Frame Synchronisation signal.
TBFS=0, the Time Base defined by the Timer Register is running on the rising edge of MCLK
signal.
bit15
bit8
bit7
bit0
Nu
Nu
SFCO PRSR TIM
INT
FOV
INT
FWAR
Tx
FOV
Tx
FWAR
Rx
FOV
Rx
FWAR
ICOV
MTX MRX C/IRX HDLC
After reset (0000)H
HDLC
: HDLC INTERRUPT
HDLC = 1, Tx HDLC or Rx HDLC has generated an interrupt The status is in the HDLC
queue.
C/IRX
: Command/Indicate Rx Interrupt
C/IRX = 1, Rx Command/Indicate has generated an interrupt. The status is in the HDLC
queue.
MRX
: Rx MONITOR CHANNEL INTERRUPT
MRX = 1, one Rx MONITOR CHANNEL has generated an interrupt. The status is in the Rx
Monitor Channel queue
MTX
: Tx MONITOR CHANNEL INTERRUPT
MTX = 1, one or several Tx MONITOR CHANNELS have generated an interrupt. Transmit
Monitor Interrupt Register (TMIR) indicates the Tx Monitor Channels which have generated
this interrupt.
ICOV
: INTERRUPT CIRCULAR OVERLOAD
ICOV = 1, One of three circular interrupt memories is completed.
HS2
HS1
HS0
HDLC
Queue Size
MS2
MS1
MS0
MON
Queue Size
CS1
CS0
C/I
Queue Size
000128 words000
128 words
0
0
64 words
0
0
1
256 word
0
0
1
256 word
0
1
128 words
010384 words010
384 words
1
0
192 words
011512 words011
512 words
1
1
256 words
100640 words100
640 words
101768 words101
768 words
110896 words110
896 words
1
1
1
1024 words
1
1
1
1024 words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com