Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 3Page - STMicroelectronics STLC5466 Datasheet HTML 4Page - STMicroelectronics STLC5466 Datasheet HTML 5Page - STMicroelectronics STLC5466 Datasheet HTML 6Page - STMicroelectronics STLC5466 Datasheet HTML 7Page - STMicroelectronics STLC5466 Datasheet HTML 8Page - STMicroelectronics STLC5466 Datasheet HTML 9Page - STMicroelectronics STLC5466 Datasheet HTML 10Page - STMicroelectronics STLC5466 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
7/130
STLC5466
I.2 - Pin Description
Pin N°
Symbol
Type
Function
30 POWER PINS (all the power and ground pins must be connected)
16
VDD1
Power
DC supply
17
VSS1
Ground
DC ground
31
VDD2
Power
DC supply
32
VSS2
Ground
DC ground
51
VDD3
Power
DC supply
52
VSS3
Ground
DC ground
67
VDD4
Power
DC supply
68
VSS4
Ground
DC ground
79
VDD5
Power
DC supply
80
VSS5
Ground
DC ground
99
VDD6
Power
DC supply
100
VSS6
Ground
DC ground
117
VDD7
Power
DC supply
118
VSS7
Ground
DC ground
135
VDD8
Power
DC supply
136
VSS8
Ground
DC ground
147
VDD9
Power
DC supply
148
VSS9
Ground
DC ground
159
VDD10
Power
DC supply
160
VSS10
Ground
DC ground
172
VDD11
Power
DC supply
173
VSS11
Ground
DC ground
43
VDD12
Power
DC supply
46
VSS12
Ground
DC ground
87
VDD13
Power
DC supply
90
VSS13
Ground
DC ground
131
VDD14
Power
DC supply
134
VSS14
Ground
DC ground
175
VDD15
Power
DC supply
2
VSS15
Ground
DC ground
CLOCKS
4
MCLK
I3_ft
Master clock. This input can receive an external clock at 66, 50 or 33MHz.
5
SFS
O3_ft
Superframe Synchronisation.
Programmable signal from 250 microseconds to 15 seconds.
Type
ft: five volts tolerant
fnt: five volts not tolerant
TTL
I1_ft = Input TTL
I2_ft = I1_ft+pull up
I3_ft = I1_ft+hysteresis
I4_ft = I3_ft+pull up
TTL
I/O6 _ft = Input TTL/ Output TTL 6 mA
I5_ft = I3_ft+pull down;
TTL
O3 _ft = Output TTL 3 mA
O3T_ft = O3_ft+Tristate
O6_ft = Output TTL 6mA
TTL
O6D_ft = Output TTL 6mA, Open Drain
O6DT_ft = Output TTL 6mA, Open Drain or Tristate
CMOS
I/O8_fnt = Input TTL, /Output CMOS 8mA;
O8T_fnt = Output CMOS
8mA
I/O8_fnt = Input TTL, /Output CMOS
8mA
CMOS
O4_fnt = Output CMOS 4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com