Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 25Page - STMicroelectronics STLC5466 Datasheet HTML 26Page - STMicroelectronics STLC5466 Datasheet HTML 27Page - STMicroelectronics STLC5466 Datasheet HTML 28Page - STMicroelectronics STLC5466 Datasheet HTML 29Page - STMicroelectronics STLC5466 Datasheet HTML 30Page - STMicroelectronics STLC5466 Datasheet HTML 31Page - STMicroelectronics STLC5466 Datasheet HTML 32Page - STMicroelectronics STLC5466 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
29/130
STLC5466
V - List of registers
Internal registers
• Identification and Dynamic Command Register
IDCR
(00)H
• General Configuration Register 1
GCR1
(02)H
• Input Multiplex Configuration Register 0
IMCR0
(04)H
• Input Multiplex Configuration Register 1
IMCR1
(06)H
• Output Multiplex Configuration Register 0
OMCR0
(08)H
• Output Multiplex Configuration Register 1
OMCR1
(0A)H
• Switching Matrix Configuration Register
SMCR
(0C)H
• Connection Memory Data Register
CMDR
(0E)H
• Connection Memory Address Register
CMAR
(10)H
• Sequence Fault Counter Register
SFCR
(12)H
• Time Slot Assigner Address Register 1
TAAR1
(14)H
• Time Slot Assigner Data Register 1
TADR1
(16)H
• HDLC Transmit Command Register 1
HTCR1
(18)H
• HDLC Receive Command Register 1
HRCR1
(1A)H
• Address Field Recognition Address Register 1
AFRAR1
(1C)H
• Address Field Recognition Data Register 1
AFRDR1
(1E)H
• Fill Character Register 1
FCR1
(20)H
• GCI Channels Definition Register 0
GCIR0
(22)H
• GCI Channels Definition Register 1
GCIR1
(24)H
• GCI Channels Definition Register 2
GCIR2
(26)H
• GCI Channels Definition Register 3
GCIR3
(28)H
• Transmit Command / Indicate Register
TCIR
(2A)H
• Transmit Monitor Address Register
TMAR
(2C)H
• Transmit Monitor Data Register
TMDR
(2E)H
• Transmit Monitor Interrupt Register
TMIR
(30)H
• Memory Interface Configuration Register
MICR
(32)H
• Initiate Block Address Register 1
IBAR1
(34)H
• Interrupt Queue Size Register
IQSR
(36)H
• Interrupt Register
IR
(38)H
• Interrupt Mask Register
IMR
(3A)H
• Timer Register 1
TIMR1
(3C)H
• Test Register
TR
(3E)H
• General Configuration Register 2
GCR2
(42)H
• Split Fetch Memory Register
SFMR
(4E)H
• Time Slot Assigner Address Register 2
TAAR2
(54)H
• Time Slot Assigner Data Register 2
TADR2
(56)H
• HDLC Transmit Command Register 2
HTCR2
(58)H
• HDLC Receive Command Register 2
HRCR2
(5A)H
• Address Field Recognition Address Register 2
AFRAR2
(5C)H
• Address Field Recognition Data Register 2
AFRDR2
(5E)H
• Fill Character Register 2
FCR2
(60)H
• SDRAM Mode Register
SDRAMR
(72)H
• Initiate Block Address Register 2
IBAR2
(74)H
• Timer Register 2
TIMR2
(7C)H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com