Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 94Page - STMicroelectronics STLC5466 Datasheet HTML 95Page - STMicroelectronics STLC5466 Datasheet HTML 96Page - STMicroelectronics STLC5466 Datasheet HTML 97Page - STMicroelectronics STLC5466 Datasheet HTML 98Page - STMicroelectronics STLC5466 Datasheet HTML 99Page - STMicroelectronics STLC5466 Datasheet HTML 100Page - STMicroelectronics STLC5466 Datasheet HTML 101Page - STMicroelectronics STLC5466 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 130 page
background image
STLC5466
98/130
1.1
Microprocessor, MHDLC, SDRAM clock distribution
Figure 1-20: Ex1; different clocks for Multi-HDLC and
µP
Figure 1-21: Ex2; synchronous clock for Multi-HDLC and
µP
External clock generation
for Multi-HDLC and SDRAM
Multi-HDLC
STLC5466
Shared
memory
SDRAM
m
P
SDRAM bus
m
P bus
CLK
MCLK
External clock generation
for mP
MCLK: Master Clock of the Multi-HDLC and
CLK Clock of the SDRAM are the same mandatory.
Multi-HDLC
STLC5466
Shared
memory
SDRAM
Internally
50/2 = 25MHz
m
P
386EXTB
SDRAM bus
m
P bus
CLK
MCLK
External clock generation
50 MHz
MCLK, Master Clock of the Multi-HDLC,
Master Clock of the mP and
CLK Clock of the SDRAM are the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com