Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 23Page - STMicroelectronics STLC5466 Datasheet HTML 24Page - STMicroelectronics STLC5466 Datasheet HTML 25Page - STMicroelectronics STLC5466 Datasheet HTML 26Page - STMicroelectronics STLC5466 Datasheet HTML 27Page - STMicroelectronics STLC5466 Datasheet HTML 28Page - STMicroelectronics STLC5466 Datasheet HTML 29Page - STMicroelectronics STLC5466 Datasheet HTML 30Page - STMicroelectronics STLC5466 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 130 page
background image
27/130
STLC5466
IV - DC SPECIFICATIONS
.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDD
3.3V Power Supply Voltage
-0.5V to 4V
V
Input or Output Voltage
-0.5 to VDD + 0.5V
V
Input or Output Voltage
-0.5 to +5.5V(see Note 1)
V
Tstg
Storage Temperature
-55 to 125 °/C
°/C
Recommended DC Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
3.3V Power Supply Voltage (see Note2)
3.0
3.3
3.6
V
Toper
Operating Temperature
- 40
85
°/C
Note 1: For 5V tolerant inputs and 5V tolerant output buffers in tristate mode
Note 2: All the following specifications are valid only within these recommended operating conditions
TTL Input DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VOL
Low Level Output Voltage
IOL = X mA (see Note 3)
0.4
V
VOH
High Level Output Voltage
IOH = -X mA (see Note 3)
2.4
V
IIL
Low Level Input Current
Without pull-up device
VI = 0V
1
µA
IIH
High Level Input
Without pull-up device
VI = VDD
-1
µA
Ioz
Tristate output leakage current
without pullup/down device
VI = VDD
-1
µA
Vhyst
Schmitt Trigger hysteresis
0.4
0.7
V
VT+
Positive Trigger Voltage
0.9
1.35
V
VT-
Negative Trigger Voltage
0.4
0.7
V
Note 3: X is the source /sink current under worst case conditions in accordance with the drive capability: O3 = 3mA, O4 = 4 mA
CMOS Output DC Electrical Characteristics
valid only within these recommended operating conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
0.2VDD V
VIH
High level input voltage
0.8VDD
V
VOL
Low Level Output Voltage
Iol = XmA (see Note 4)
0.4
V
VOH
High Level Output Voltage
Ioh = XmA (see Note 4)
0.85VDD
V
Note 4: X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability.
X = 4 or 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com