Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 15Page - STMicroelectronics STLC5466 Datasheet HTML 16Page - STMicroelectronics STLC5466 Datasheet HTML 17Page - STMicroelectronics STLC5466 Datasheet HTML 18Page - STMicroelectronics STLC5466 Datasheet HTML 19Page - STMicroelectronics STLC5466 Datasheet HTML 20Page - STMicroelectronics STLC5466 Datasheet HTML 21Page - STMicroelectronics STLC5466 Datasheet HTML 22Page - STMicroelectronics STLC5466 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
19/130
STLC5466
tected in each timeslot and will not be trans-
ferred to the external memory. The detection of
“Fill character” marks the end of a message and
generates an interrupt if BINT=1). When the “Fill
character” is not detected a new message is re-
ceiving.
As for the HDLC mode the correspondence be-
tween the physical time slot and the logical chan-
nel is fully defined in the two Time Slot Assigners
(Time slot used or not used, logical channel
number, source, destination).
III.2.6 - Command of the HDLC Channels
The microprocessor is able to control each HDLC
receive and transmit channel. Some of the com-
mands are specific to the transmission or the re-
ception but others are identical.
III.2.6.1 - Reception Control
– The configuration of the controller operating
mode is: HDLC mode or Transparent mode.
– The control of the controller: START, HALT,
CONTINUE, ABORT.
START: On a start command, the RxDMA con-
troller reads the address of the first descriptor in
the initialization block memory and is ready to
receive a frame.
HALT: For overloading reasons, the microproc-
essor can decide to halt the reception. The DMA
controller finishes transfer of the current frame
to external memory and stops. The channel can
be restarted on CONTINUE command.
CONTINUE: The reception restarts in the next
descriptor.
ABORT: On an abort command, the reception is
instantaneously stopped. The channel can be
restarted on a START or CONTINUE command.
– Reception
of
FLAG
(01111110)
or
IDLE
(11111111) between Frames.
– Address recognition. The microprocessor de-
fines the addresses that the Rx controller has to
take into account.
– In transparent mode: “fill character” register is
selected or not.
III.2.6.2 - Transmission Control
– The configuration of the controller operating
mode is: HDLC mode or Transparent mode.
– The control of the controller: START, HALT,
CONTINUE, ABORT.
START: On a start command, the Tx DMA con-
troller reads the address of the first descriptor in
the initialization block memory and tries to trans-
mit the first frame if End Of Queue is not at “1”.
HALT: The transmitter finishes to send the cur-
rent frame and stops.The channel can be re-
started on a CONTINUE command.
CONTINUE: if the CONTINUE command occurs
after HALT command, the HDLC Transmitter re-
starts by transmitting the next buffer associated
to the next descriptor.
If the CONTINUE command occurs after an
ABORT command which has occurred during a
frame, the HDLC transmitter restarts by trans-
mitting the frame which has been effectively
aborted by the microprocessor.
ABORT: On an abort command, the transmis-
sion of the current frame is instantaneously
stopped, an ABORT sequence “1111111” is
sent, followed by IDLE or FLAG bytes. The
channel can be restarted on a START or CON-
TINUE command.
– Transmission of FLAG (01111110) or IDLE
(111111111) between frames can be selected.
– CRC can be generated or not. If the CRC is not
generated by the HDLC Controller, it must be lo-
cated in the shared memory.
– In transparent mode: “fill character” register can
be selected or not.
III.3 - C/I and Monitor
III.3.1 - Function Description
The
Multi-HDLC is able to operate both GCI and
V* links. The TDM DIN/DOUT 4 and 5 are internal-
ly connected to the CI and Monitor receivers/trans-
mitters. Since the controllers handle up to 16CI
and 16 Monitor channels simultaneously, the Mul-
ti-HDLC can manage up to 16 level 1 circuits.
The Multi-HDLC can be used to support the CI and
monitor channels based on the following proto-
cols:
– ISDN V* protocol
– ISDN GCI protocol
– Analog GCI protocol.
III.3.2 - GCI and V* Protocol
A TDM can carry 8 GCI channels or V* channels.
The monitor and S/C bytes always stand at the
same position in the TDM in both cases.
CGI Channel 0
CGI Channel 1 to Channel 6
CGI Channel 7
TS0
TS1
TS2
TS3
TS28
TS29
TS30
TS31
B1
B2
MON
S/C
B1
B2
MON
S/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com