Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 74Page - STMicroelectronics STLC5466 Datasheet HTML 75Page - STMicroelectronics STLC5466 Datasheet HTML 76Page - STMicroelectronics STLC5466 Datasheet HTML 77Page - STMicroelectronics STLC5466 Datasheet HTML 78Page - STMicroelectronics STLC5466 Datasheet HTML 79Page - STMicroelectronics STLC5466 Datasheet HTML 80Page - STMicroelectronics STLC5466 Datasheet HTML 81Page - STMicroelectronics STLC5466 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 130 page
background image
STLC5466
78/130
In case of V* protocol ODD,A,F,L bits are respectively 1,0,1,1.
VII.6.2 - Receive Monitor Interrupt when TSV = 1
TSV: Time Stamping Validated (bit of GCR Register)
These four words are located in the Monitor interrupt queue; IQSR Register indicates the size of this in-
terrupt queue located in the external memory.
A
: Abort
A=1, Received message has been aborted.
ODD : Odd byte number
ODD = 1, one byte has been written in the following word.
ODD = 0, two bytes have been written in the following word.
M1/8
: New Byte received twice consecutively if GCI Protocol has been validated.
Byte received once if V* Protocol has been validated.
M11/18
: Next new Byte received twice consecutively if GCI Protocol has been validated.
This byte is at “1” in case of V* protocol.
bit15
bit8
bit7
bit 0
NS
G0
A2
A1
A0
ODD
A
F
L
M18
M17
M16
M15
M14
M13
M12
M11
M8
M7
M6
M5
M4
M3
M2
M1
T15
T14
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
00000
00000000000
NS
: New Status.
Before writing the features of event in the external memory the Interrupt Controller reads the
NS bit:
if NS = 0, the Interrupt Controller stores two new bytes M1/8 and M11/18 then puts NS bit at
‘1’ when it writes the status of these two bytes which has been received.
if NS = 1, the Interrupt Controller puts ICOV bit at ‘1’ to generate an interrupt (IR Register).
G0
: G0 = 0, GCI 0 corresponding to DIN4 input and DOUT4 output.
G0 = 1, GCI 1 corresponding to DIN5 input and DOUT5 output.
L
: Last byte
L=1, two cases:
if ODD = 1, the following word of the Interrupt Queue contains the Last byte of message.
if ODD =0, the Last byte of message has been stored at the previous access of the Interrupt
Queue (concerning this channel).
L=0, the following word and the previous word does not contain the Last byte of message.
F: First byte
F=1, the following word contains the First byte of message.
F=0, the First byte of message is not the following word.
A
: Abort
A=1, Received message has been aborted.
ODD
Odd byte number
ODD = 1, one byte has been written in the following word.
ODD = 0, two bytes have been written in the following word.
M1/8
: New Byte received twice consecutively if GCI Protocol has been validated.
Byte received once if V* Protocol has been validated.
M11/18
: Next new Byte received twice consecutively if GCI Protocol has been validated.
This byte is at “1” in case of V* protocol.
T15/0
: Binary counter value when a new primitive is occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com