Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 40Page - STMicroelectronics STLC5466 Datasheet HTML 41Page - STMicroelectronics STLC5466 Datasheet HTML 42Page - STMicroelectronics STLC5466 Datasheet HTML 43Page - STMicroelectronics STLC5466 Datasheet HTML 44Page - STMicroelectronics STLC5466 Datasheet HTML 45Page - STMicroelectronics STLC5466 Datasheet HTML 46Page - STMicroelectronics STLC5466 Datasheet HTML 47Page - STMicroelectronics STLC5466 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 130 page
background image
STLC5466
44/130
ACCESS MODE REGISTER (AMR)
READ : READ MEMORY
READ = 1, Read Connection Memory (or Data Memory in accordance with CM).
READ = 0, Write Connection Memory.
CM
: CONNECTION MEMORY
CM = 1, Write or Read Connection Memory in accordance with READ.
CM = 0, Read only Data Memory (READ = 0 has no effect).
N.B. After software reset (bit 2 of IDCR Register) or pin reset the automate of the Connection
Memory is launched. This automate initializes the Connection Memory within 250 microsec-
onds at the most. This automate is stopped when the microprocessor writes (0200H) in CMAR
Register (CM =1).
BID
: BIDIRECTIONNAL CONNECTION.
BID = 1; Two connections are set up:
• ITSx ITDMp ------> OTSy OTDMq (LOOP of CMDR Register is taken into account) and
• ITSy ITDMq ------> OTSx OTDMp (LOOP of CMDR Register is not taken into account).
BID = 0; One connection is set up:
• ITSx ITDMp ------> OTSy OTDMq only.
CAC
: CYCLICAL ACCESS
CAC = 1 (BID is ignored)
if Write Connection Memory, an automatic data write from Connection Memory Data Register
(CMDR) up to 256 locations of Connection Memory occurs. The first address is indicated by the
register DSTR, the last is (FF)H.
if Read Connection Memory, an automatic transfer of data from the location indicated by the
register (DSTR) into Connection Memory Data Register (CMDR) after reading by the micro-
processor occurs. The last location is (FF)H.
CAC = 0, Write and Read Connection Memory in the normal way.
• N.B. After software reset (bit 2 of IDCR Register) or pin reset an automate is working to reset the con-
nection memory (all “0”). The automate is stopped when the microprocessor writes TAAR Register with
CAC= 0.
CACL : CYCLICAL ACCESS LIMITED
CACL = 1(BID is ignored)
If Write Connection Memory, an automatic data write from Connection Memory Data Register
(CMDR) up to 32 locations of Connection Memory occurs. The first location is indicated by OTS
0/4bits of the register (DSTR) related to OTDMq as defined by OM0/2 occurs. The last location
is q +1 F(H).
If Read Connection Memory, an automatic transfer of data from Connection Memory into Con-
nection Memory Data Register (CMDR) after reading this last by the microprocessor oc-
curs.The first location is indicated by OTS 0/4 bits of the register (DSTR) related to OTDMq as
defined by OM0/2. The last location is q +1 F(H).
CACL = 0, Write and Read Connection Memory in the normal way.
TC
: Transparent Connection
TC = 1, (BID is ignored) if READ = 0:
CAC = 0 and CACL = 0. The DSTR bits are taken into account instead of SRCR bits. SRCR
bits are ignored (Destination and Source are identical). The contents of Input time slot i - Input
multiplex j is switched into Output time slot i - Output multiplex j.
CAC = 0 and CACL = 1. Up to 32 “Transparent Connections” are set up.
CAC = 1 and CACL = 0. Up to 256 “Transparent Connections” are set up.
TC = 0, Write and Read Connection Memory in accordance with BID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com