Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 41Page - STMicroelectronics STLC5466 Datasheet HTML 42Page - STMicroelectronics STLC5466 Datasheet HTML 43Page - STMicroelectronics STLC5466 Datasheet HTML 44Page - STMicroelectronics STLC5466 Datasheet HTML 45Page - STMicroelectronics STLC5466 Datasheet HTML 46Page - STMicroelectronics STLC5466 Datasheet HTML 47Page - STMicroelectronics STLC5466 Datasheet HTML 48Page - STMicroelectronics STLC5466 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 130 page
background image
45/130
STLC5466
VI.10 - Sequence Fault Counter Register
SFCR (12)H
When this register is read by the microprocessor, this register is reset (0000)H.
• NB. As the SFCR is reset after reading, a 8-bit microprocessor must read the LSB that will represent the
number of faults between 0 and 255. To avoid overflow escape notice, it is necessary to start counting
at FF00h, by writing this value in SFCR before launching PRSA. If there are more than FFh errors,
the SFCO interrupt bit (see interrupt register IR -38H address) will signal that the fault count register
has reached the value FFFFh (because of the number of faults exeeded 255).
VI.11 - Time Slot Assigner Address Register 1
TAAR1 (14)H
• N.B. After software reset (bit 2 of IDCR Register) or pin reset the automate above mentioned is working.
The automate is stopped when the microprocessor writes TAAR Register with HDI = 0.
VI.12 - Time Slot Assigner Data Register 1
TADR1 (16)H
bit15
bit8
bit7
bit0
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0
After reset (0000)H
F0/15
: FAULT0/15
Number of faults detected by the Pseudo Random Sequence analyser if the analyser has been
validated and has recovered the receive sequence.
When the Fault Counter Register reaches (FFFF)H it stays at its maximum value.
bit15
bit8
bit7
bit0
TS4
TS3
TS2
TS1
TS0
READ
Nu
HDI
r
e
s
e
r
v
e
d
After reset (0100)H
READ
: READ MEMORY
READ = 1, Read Time slot Assigner Memory 1.
READ = 0, Write Time slot Assigner Memory 1.
TS0/4
: TIME SLOTS0/4
These five bits define one of 32 time slots in which a channel is set-up or not.
HDI
: HDLC1 INIT
HDI = 1, TSA1 Memory, Tx HDLC1, Tx DMA1, Rx HDLC1, Rx DMA1 and GCI controllers are
reset within 250 microseconds at the most. An automate writes data from Time slot Assigner
Data Register1 (TADR1) (except CH0/4 bits) into each TSA Memory location. If the microproc-
essor reads Time slot Assigner Memory 1 after HDLC INIT, CH0/4 bits of Time slot Assigner
Data Register are identical to TS0/4 bits of Time slot Assigner Address Register 1.
HDI = 0, Normal state.
bit15
bit8
bit7
bit0
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
CH4
CH3
CH2
CH1
CH0
After reset (0000)H
CH0/4
: CHANNEL0/4
These five bits define one of 32 channels associated to time slot defined by the previous Register
1(TAAR1).
V1/8
: VALIDATION
The logical channel CHx is constituted by each subchannel 1 to 8 and validated by V1/8 bit at 1 re-
spectively.
V1 to V8 are at “0’: the subchannels are ignored.
V1 corresponds to the first bit received during the current time slot.
V1 at 1: the first bit of the current time slot is taken into account in reception and in transmission the
first bit transmitted is taken into account.
V8 at 1: the last bit of the current time slot is taken into account in reception the last bit received and
in transmission the last bit transmitted in transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com